Electronic Components Datasheet Search
  English  ▼

X  

IM40GR Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # IM40GR
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40GR Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button IM40GR Datasheet HTML 3Page - TE Connectivity Ltd IM40GR Datasheet HTML 4Page - TE Connectivity Ltd IM40GR Datasheet HTML 5Page - TE Connectivity Ltd IM40GR Datasheet HTML 6Page - TE Connectivity Ltd IM40GR Datasheet HTML 7Page - TE Connectivity Ltd IM40GR Datasheet HTML 8Page - TE Connectivity Ltd IM40GR Datasheet HTML 9Page - TE Connectivity Ltd IM40GR Datasheet HTML 10Page - TE Connectivity Ltd IM40GR Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
3)
IM40GR
2 form C,
2 CO
contacts
Standard
1.5VDC
Bistable
Standard
SMT gull wing
5-1462037-1
3)
IM40SR
SMT short gull wing
2-1462040-9
3)
IM40JR
SMT J-leg
5-1462037-2
3)
IM40NS
THT narrow
1-1462038-8
3)
IM40TS
THT standard
5-1462037-0
3)
IM41GR
3VDC
SMT gull wing
5-1462037-4
3)
IM41SR
SMT short gull wing
2-1462040-0
3)
IM41JR
SMT J-leg SMT
5-1462037-5
3)
IM41NS
THT narrow
1-1462038-9
3)
IM41TS
THT standard
5-1462037-3
3)
IM42GR
4.5VDC
SMT gull wing
3-1462037-1
3)
IM42SR
SMT short gull wing
3-1462040-1
3)
IM42JR
SMT J-leg
5-1462037-7
3)
IM42NS
THT narrow
2-1462038-0
3)
IM42TS
THT standard
5-1462037-6
3)
IM43GR
5VDC
SMT gull wing
5-1462037-9
3)
IM43SR
SMT short gull wing
3-1462040-2
3)
IM43JR
SMT J-leg
6-1462037-0
3)
IM43NS
THT narrow
2-1462038-1
3)
IM43TS
THT standard
5-1462037-8
3)
IM44GR
6VDC
SMT gull wing
6-1462037-2
3)
IM44SR
SMT short gull wing
3-1462040-3
3)
IM44JR
SMT J-leg
6-1462037-3
3)
IM44NS
THT narrow
2-1462038-2
3)
IM44TS
THT standard
6-1462037-1
3)
IM45GR
9VDC
SMT gull wing
6-1462037-4
3)
IM45SR
SMT short gull wing
3-1462040-4
3)
IM45JR
SMT J-leg
6-1462037-5
3)
IM45NS
THT narrow
2-1462038-3
3)
IM46GR
12VDC
SMT gull wing
6-1462037-7
IM46SR
SMT short gull wing
3-1462040-5
3)
IM46JR
SMT J-leg
6-1462037-8
3)
IM46NS
THT narrow
2-1462038-4
3)
IM46TS
THT standard
6-1462037-6
IM47GR
24VDC
SMT gull wing
7-1462037-0
IM47JR
SMT J-leg
7-1462037-1
IM47NS
THT narrow
2-1462038-5
IM47TS
THT standard
6-1462037-9
3)
IM48GR
2.4VDC
SMT gull wing
1462039-8
3)
IM48SR
SMT short gull wing
3-1462040-6
3) Type VDE certified, for more information contact TE
9
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com