Electronic Components Datasheet Search
  English  ▼

X  

IM43TS Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # IM43TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM43TS Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button IM43TS Datasheet HTML 3Page - TE Connectivity Ltd IM43TS Datasheet HTML 4Page - TE Connectivity Ltd IM43TS Datasheet HTML 5Page - TE Connectivity Ltd IM43TS Datasheet HTML 6Page - TE Connectivity Ltd IM43TS Datasheet HTML 7Page - TE Connectivity Ltd IM43TS Datasheet HTML 8Page - TE Connectivity Ltd IM43TS Datasheet HTML 9Page - TE Connectivity Ltd IM43TS Datasheet HTML 10Page - TE Connectivity Ltd IM43TS Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM03GR
2 form C,
2 CO
contacts
Standard
5VDC
Monostable
Standard
SMT gull wing
1-1462037-4
IM03SR
SMT short gull wing
2-1462040-5
IM03JR
SMT J-leg
1-1462037-6
IM03NS
THT narrow
1-1462038-3
IM03TS
THT standard
1-1462037-8
IM04GR
6VDC
SMT gull wing
4-1462037-2
IM04JR
SMT J-leg
4-1462037-4
IM04NS
THT narrow
1-1462038-4
IM05GR
9VDC
SMT gull wing
3-1462037-4
IM05SR
SMT short gull wing
2-1462040-6
IM05JR
SMT J-leg
4-1462037-5
IM05NS
THT narrow
1-1462038-5
IM05TS
THT standard
2-1462037-2
IM06GR
12VDC
SMT gull wing
2-1462037-3
IM06SR
SMT short gull wing
2-1462040-7
IM06JR
SMT J-leg
4-1462037-6
IM06NS
THT narrow
1-1462038-6
IM07GR
24VDC
SMT gull wing
4-1462037-7
IM07SR
SMT short gull wing
2-1462040-8
IM07JR
SMT J-leg
4-1462037-8
IM07NS
THT narrow
1-1462038-7
IM08GR
2.4VDC
SMT gull wing
6-1462039-3
IM11GR
3VDC
High sens.
9-1462038-5
IM12GR
4.5VDC
1462039-3
IM13GR
5VDC
1462039-4
IM16GR
12VDC
1462039-5
IM17GR
24VDC
1462039-6
IM17TS
THT standard
4-1462039-6
IM21GR
3VDC
Ultra high
sensitive
SMT gull wing
2-1462039-6
IM21TS
THT standard
1-1462039-5
IM22GR
4.5VDC
SMT gull wing
2-1462039-7
IM22TS
THT standard
2-1462039-8
IM23GR
5VDC
SMT gull wing
2-1462039-9
IM23TS
THT standard
3-1462039-0
IM23KS
THT short
6-1462039-7
IM26GR
12VDC
SMT gull wing
3-1462039-1
IM26TS
THT standard
3-1462039-2
8
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com