Electronic Components Datasheet Search
  English  ▼

X  

IM43TS Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # IM43TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM43TS Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button IM43TS Datasheet HTML 3Page - TE Connectivity Ltd IM43TS Datasheet HTML 4Page - TE Connectivity Ltd IM43TS Datasheet HTML 5Page - TE Connectivity Ltd IM43TS Datasheet HTML 6Page - TE Connectivity Ltd IM43TS Datasheet HTML 7Page - TE Connectivity Ltd IM43TS Datasheet HTML 8Page - TE Connectivity Ltd IM43TS Datasheet HTML 9Page - TE Connectivity Ltd IM43TS Datasheet HTML 10Page - TE Connectivity Ltd IM43TS Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM01CGR
2 form C,
2 CO
contacts
High dielectric
3VDC
Monostable
Standard
SMT gull wing
1462038-4
IM01CTS
THT standard
9-1462038-6
IM02CGR
4.5VDC
SMT gull wing
1462038-1
IM03CGR
5VDC
1462038-2
IM03CJR
SMT J-leg
4-1462039-8
IM03CTS
THT standard
4-1462039-7
IM05CGR
9VDC
SMT gull wing
1462038-3
IM06CGR
12VDC
9-1462037-9
IM06CJR
SMT J-leg
3-1462039-4
IM06CTS
THT standard
4-1462037-9
IM07CGR
24VDC
SMT gull wing
1462039-2
IM07CTS
THT standard
1462039-1
IM17CGR
High sens.
SMT gull wing
1462039-7
3)
IM41CGR
3VDC
Bistable
Standard
4-1462039-2
3)
IM42CGR
4.5VDC
4-1462039-1
3)
IM43CGR
5VDC
9-1462038-7
3)
IM48CGR
2.4VDC
9-1462039-0
IM02DGR
High current
4.5VDC
Monostable
Standard
SMT gull wing
9-1462038-8
IM02IJR
SMT J-leg
1462047-8
IM02IGR
SMT gull wing
1462047-9
IM03DGR
5VDC
SMT gull wing
9-1462038-9
IM03DJR
SMT J-leg
3-1462039-3
IM05DGR
9VDC
SMT gull wing
1-1462039-7
IM06DGR
12VDC
1-1462039-8
IM06DJR
SMT J-leg
7-1462039-0
IM06DTS
THT standard
3-1462039-8
IM07DGR
24VDC
SMT gull wing
3-1462039-7
IM07DJR
SMT J-leg
7-1462039-4
IM07DTS
THT standard
7-1462039-2
IM22DTS
4.5VDC
U.h.sens.
7-1462039-6
IM41DGR
3VDC
Bistable
Standard
SMT gull wing
6-1462039-8
IM42DGR
4.5VDC
1-1462039-9
IM42DNS
THT narrow
1-1462039-6
IM46DNS
12VDC
1-1462039-2
IM47DJR
24VDC
SMT J-leg
7-1462039-5
IM48DGR
2.4VDC
SMT gull wing
1462039-9
IM49DGR
2VDC
2-1462039-2
IM40IGR
1.5VDC
1462047-7
IM48IGR
2.4VDC
1462047-1
IM49IGR
2VDC
1462047-4
3) Type VDE certified, for more information contact TE
10
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com