Electronic Components Datasheet Search
  English  ▼

X  

RT9020 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9020
Description  500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9020 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9020 Datasheet HTML 1Page - Richtek Technology Corporation RT9020 Datasheet HTML 2Page - Richtek Technology Corporation RT9020 Datasheet HTML 3Page - Richtek Technology Corporation RT9020 Datasheet HTML 4Page - Richtek Technology Corporation RT9020 Datasheet HTML 5Page - Richtek Technology Corporation RT9020 Datasheet HTML 6Page - Richtek Technology Corporation RT9020 Datasheet HTML 7Page - Richtek Technology Corporation RT9020 Datasheet HTML 8Page - Richtek Technology Corporation RT9020 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9020
1
DS9020-04 April 2011
www.richtek.com
Pin Configurations
Applications
Digital Still Camera
CDMA/GSM Cellular Handsets
Portable Information Appliances
Laptop, Palmtops, Notebook Computers
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start
CMOS LDO Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
General Description
The RT9020 is a high-performance, 500mA LDO regulator,
offering extremely high PSRR and ultra-low dropout, ideal
for portable RF and wireless applications with demanding
performance and space requirements.
The RT9020 quiescent current is as low as 25
μA, further
prolonging the battery life. The RT9020 also works with
low-ESR ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in hand-
held wireless devices.
The RT9020 consumes typical 0.7
μA in shutdown mode
and has fast turn-on time less than 70
μs (without CSS).
The other features include ultra-low dropout voltage, high
output accuracy, current limiting protection, and high ripple
rejection ratio. Tiny packages SOT-23-5 and SC-70-5 are
available.
TOP VIEW
Features
Wide Operating Voltage Ranges : 2.2V to 5.5V
Low Dropout : 250mV at 500mA
5mA Discharge Current of VOUT when IC Shutdown
Ultra-Low-Noise for DSC Application
Ultra-Fast Response in Line/Load Transient
Current Limiting Protection
Thermal Shutdown Protection
High Power Supply Rejection Ratio
Output Only 1
μμμμμF Capacitor Required for Stability
TTL-Logic-Controlled Shutdown Input
RoHS Compliant and 100% Lead (Pb)-Free
SOT-23-5 / SC-70-5
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
VIN GND EN
VOUT
SS
4
23
5
RT9020
Package Type
B : SOT-23-5
U5 : SC-70-5
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Fixed Output Voltage
15 : 1.5V
16 : 1.6V
:
32 : 3.2V
33 : 3.3V
1B : 1.25V
1H : 1.85V
2H : 2.85V
-


Similar Part No. - RT9020

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9022 RICHTEK-RT9022 Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GE RICHTEK-RT9022GE Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GJ6 RICHTEK-RT9022GJ6 Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GU6 RICHTEK-RT9022GU6 Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022PE RICHTEK-RT9022PE Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
More results

Similar Description - RT9020

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Leadtrend Technology
LD6919 LEADTREND-LD6919 Datasheet
297Kb / 14P
500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com