Electronic Components Datasheet Search
  English  ▼

X  

RT9020 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9020
Description  500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9020 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9020 Datasheet HTML 1Page - Richtek Technology Corporation RT9020 Datasheet HTML 2Page - Richtek Technology Corporation RT9020 Datasheet HTML 3Page - Richtek Technology Corporation RT9020 Datasheet HTML 4Page - Richtek Technology Corporation RT9020 Datasheet HTML 5Page - Richtek Technology Corporation RT9020 Datasheet HTML 6Page - Richtek Technology Corporation RT9020 Datasheet HTML 7Page - Richtek Technology Corporation RT9020 Datasheet HTML 8Page - Richtek Technology Corporation RT9020 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9020
2
DS9020-04 April 2011
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Common Ground.
3
EN
Enable Input Logic, Active High. When the EN goes to a logic low, the device will
be shutdown.
4
SS
Soft Start.
5
VOUT
Regulator Output.
Function Block Diagram
+
-
POR
OTP
SS
VIN
VOUT
GND
MOS
Driver
Current
Limit
VREF
EN
R
VIN
GND
VOUT
RT9020
1uF/
X7R
SS
EN
CIN
VIN
VOUT
Chip Enable
CSS
0.5nF
1uF/
X7R
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com