Electronic Components Datasheet Search
  English  ▼

X  

1827732 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1827732
Description  MC 1,5/ 5-STF-3,81 - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1827732 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1827732 Datasheet HTML 1Page - PHOENIX CONTACT 1827732 Datasheet HTML 2Page - PHOENIX CONTACT 1827732 Datasheet HTML 3Page - PHOENIX CONTACT 1827732 Datasheet HTML 4Page - PHOENIX CONTACT 1827732 Datasheet HTML 5Page - PHOENIX CONTACT 1827732 Datasheet HTML 6Page - PHOENIX CONTACT 1827732 Datasheet HTML 7Page - PHOENIX CONTACT 1827732 Datasheet HTML 8Page - PHOENIX CONTACT 1827732 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dimensional drawing
Pitch
3.81 mm
Width [w]
29.44 mm
Height [h]
11.1 mm
Length [l]
16.1 mm
Mounting
Flange
Tightening torque
0.3 Nm
Notes
Note on application
Note on application
The 0.08 mm² conductors must be placed in the center of the
clamping space when installing them. This must be checked after
installation.
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross-section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Insertion and withdrawal forces
Specification
IEC 60512-13-2:2006-02
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
6 N
Withdraw strength per pos. approx.
4 N
Torque test
Specification
IEC 60999-1:1999-11
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
MC 1,5/ 5-STF-3,81 - PCB connector
1827732
https://www.phoenixcontact.com/us/products/1827732
Nov 14, 2025, 7:44AM
Page 4 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com