Electronic Components Datasheet Search
  English  ▼

X  

1827732 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1827732
Description  MC 1,5/ 5-STF-3,81 - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1827732 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1827732 Datasheet HTML 1Page - PHOENIX CONTACT 1827732 Datasheet HTML 2Page - PHOENIX CONTACT 1827732 Datasheet HTML 3Page - PHOENIX CONTACT 1827732 Datasheet HTML 4Page - PHOENIX CONTACT 1827732 Datasheet HTML 5Page - PHOENIX CONTACT 1827732 Datasheet HTML 6Page - PHOENIX CONTACT 1827732 Datasheet HTML 7Page - PHOENIX CONTACT 1827732 Datasheet HTML 8Page - PHOENIX CONTACT 1827732 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: MC 1,5/..-
STF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting method: Screw flange, type of packaging: packed
in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Screwable flange for superior mechanical stability
•
Commercial data
Item number
1827732
Packing unit
250 pc
Minimum order quantity
250 pc
Sales key
AA02
Product key
AABABB
GTIN
4017918050191
Weight per piece (including packing)
4.516 g
Weight per piece (excluding packing)
4.314 g
Customs tariff number
85366990
Country of origin
DE
MC 1,5/ 5-STF-3,81 - PCB connector
1827732
https://www.phoenixcontact.com/us/products/1827732
Nov 14, 2025, 7:44AM
Page 1 (16)


Similar Part No. - 1827732

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827732 PHOENIX-1827732 Datasheet
167Kb / 5P
EMC 1,5/ 5-GF-3,81
More results

Similar Description - 1827732

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827703 PHOENIX-1827703 Datasheet
143Kb / 6P
MC 1,5/ 2-STF-3,81
1827758 PHOENIX-1827758 Datasheet
158Kb / 6P
MC 1,5/ 7-STF-3,81
1827774 PHOENIX-1827774 Datasheet
143Kb / 6P
MC 1,5/ 9-STF-3,81
1827826 PHOENIX-1827826 Datasheet
143Kb / 6P
MC 1,5/14-STF-3,81
1827842 PHOENIX-1827842 Datasheet
143Kb / 6P
MC 1,5/16-STF-3,81
1851038 PHOENIX-1851038 Datasheet
139Kb / 5P
FRONT-MC 1,5/20-STF-3,81
1707614 PHOENIX-1707614 Datasheet
43Kb / 2P
MC 1,5/10-STF-3,81 NZ BD:L
1859438 PHOENIX-1859438 Datasheet
110Kb / 4P
Printed-circuit board connector - MC 1,5/ 5-STF-3,81 AU
11/05/2018
1849078 PHOENIX-1849078 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 5-STF-3,81
Jul 20, 2022
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com