Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM50
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6.5 Electrical Characteristics: LM50 (LM50B and LM50C)
LM50: +VS = 5V (DC) and ILOAD = 0.5µA, TA = TJ = 25°C (unless otherwise noted)(1)
LM50B (Legacy chip only): TA = TMIN to TMAX = -25°C to 100°C
LM50B (New chip) and LM50C (Both New and Legacy chip): TA = TMIN to TMAX = -40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSOR ACCURACY
TACY
Temperature accuracy(2)
TA = 25°C
LM50B
(Legacy chip)
-2
2
°C
TA = TMAX = 100°C
-3
3
TA = TMIN = -25°C
-3.5
3
TA = 25°C
LM50B
(New chip)
-2
2
°C
TA = TMAX = 125°C
-3
3
TA = TMIN = -40°C
-3.5
3
TA = 25°C
LM50C
-3
3
°C
TA = TMAX = 125°C
-4
4
TA = TMIN = -40°C
-4
4
SENSOR OUTPUT
V0°C
Output voltage offset at 0°C
500
mV
TC
Temperature coefficient
(sensor gain)
TA = TJ = TMIN to TMAX
9.7
10
10.3
mV/°C
VONL
Output Nonlinearity(3)
TA = TJ = TMIN to TMAX
LM50
-0.8
0.8
°C
ZOUT
Output impedance
TA = TJ = TMIN to TMAX
2000
4000
Ω
TON
Turn-On Time
LM50 (Legacy chip)
5
µs
LM50 (New chip)
30
TLTD
Long-term stability and drift(4) TJ = 125°C for 1000 hours LM50
±0.08
°C
POWER SUPPLY
IDD
Operating current
TA = TMIN to TMAX
4.5V ≤ +VS ≤ 10V
LM50 (Legacy chip)
95
180
μA
LM50 (New chip)
52
90
PSR
Line regulation(5)
TA = TMIN to TMAX
4.5V ≤ +VS ≤ 10V
LM50
-1.2
1.2
mV/V
ΔIDD
Change of quiescent current
TA = TMIN to TMAX
4.5V ≤ +VS ≤ 10V
LM50 (Legacy chip)
2
μA
LM50 (New chip)
8
IDD_TEMP
Temperature coefficient of
quiescent current
TA = TMIN to TMAX
4.5V ≤ +VS ≤ 10V
LM50B
1
μA/°C
LM50C
2
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10mv/°C multiplied by case temperature of the device plus 500mV, at
specified conditions of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the rated
temperature range of the device.
(4)
For best long-term stability, any precision circuit provides best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-
soldered; allow time for stress relaxation to occur. The majority of the drift occurs in the first 1000 hours at elevated temperatures. The
drift after 1000 hours does not continue at the first 1000 hour rate.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com