Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM50
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
6.8 Typical Characteristics (LM50HV)
At TA = 25°C and +VS = 5V (unless otherwise noted)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-4
-3
-2
-1
0
1
2
3
4
5
6
LM50HV Max
LM50HV min
Average
Average +3
Average -3
+VS = 5V and No ILoad
Figure 6-21. Accuracy vs Ambient Temperature
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75V
0.75V
0.1V
Figure 6-22. VO vs Ambient Temperature
Ambient Temperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-1.5
-1
-0.5
0
0.5
1
1.5
No Load (+VS = 3.3V)
ILOAD = 0.5A (+VS = 3.3V)
ILOAD = 1A (+VS = 3.3V)
No Load (+VS = 5V)
ILOAD = 0.5A (+VS = 5V)
ILOAD = 1A (+VS = 5V)
Figure 6-23. Accuracy vs Ambient Temperature with different
loads
Ambient Temperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
ILOAD = 0.5A (+VS = 5V)
ILOAD = 0.5A (+VS = 3.3V)
ILOAD = 1A (+VS = 5V)
ILOAD = 1A (+VS = 3.3V)
ILOAD = 2A (+VS = 5V)
ILOAD = 2A (+VS = 3.3V)
Figure 6-24. Change in Accuracy vs Temperature
Ambient Te mperature, TA(C)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
+VS = 3V
+VS = 3.3V
+VS = 5V
+VS = 12V
+VS = 24V
+VS = 36V
Figure 6-25. Supply Current vs Ambient Temperature
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
0
20
40
60
80
100
120
TA = -40C
TA = 25C
TA = 150C
Figure 6-26. Supply Current vs Supply Voltage
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com