Electronic Components Datasheet Search
  English  ▼

X  

LM60 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM60
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM60 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM60 Datasheet HTML 18Page - Texas Instruments LM60 Datasheet HTML 19Page - Texas Instruments LM60 Datasheet HTML 20Page - Texas Instruments LM60 Datasheet HTML 21Page - Texas Instruments LM60 Datasheet HTML 22Page - Texas Instruments LM60 Datasheet HTML 23Page - Texas Instruments LM60 Datasheet HTML 24Page - Texas Instruments LM60 Datasheet HTML 25Page - Texas Instruments LM60 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
8.5.2 Layout Example
1
+V
S
V
O
GND
Via to ground plane
Via to power plane
2
3
Figure 8-13. PCB Layout
Figure 8-14. Printed-Circuit Board Used for Heat Sink to Generate Thermal Response Curves LM50
(Legacy Chip)
2
1
1
2
3
0.5"
Figure 8-15. Printed-Circuit Board Used to Generate Thermal Response Curves [New Test Setup for
LM50 (New Chip and Legacy Chip) and LM50HV]
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com