Electronic Components Datasheet Search
  English  ▼

X  

LM60 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM60
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM60 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM60 Datasheet HTML 11Page - Texas Instruments LM60 Datasheet HTML 12Page - Texas Instruments LM60 Datasheet HTML 13Page - Texas Instruments LM60 Datasheet HTML 14Page - Texas Instruments LM60 Datasheet HTML 15Page - Texas Instruments LM60 Datasheet HTML 16Page - Texas Instruments LM60 Datasheet HTML 17Page - Texas Instruments LM60 Datasheet HTML 18Page - Texas Instruments LM60 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
7 Detailed Description
7.1 Overview
The LM50 and LM50HV devices are precision integrated-circuit temperature sensor that can sense a -40°C to
125°C (for LM50) or -40°C to 150°C (for LM50HV) temperature range using a single positive supply. The output
voltage of the LM50 and LM50HV has a positive temperature slope of 10mV/°C. A 500mV offset is included
enabling negative temperature sensing when biased by a single supply.
The temperature-sensing element is comprised of a delta-VBE architecture. The temperature-sensing element is
then buffered by an amplifier and provided to the VO pin. The amplifier has a simple class A output stage with
typical 2kΩ output impedance as shown in the Functional Block Diagram.
7.2 Functional Block Diagram
*R2
≅ 2k with a typical 1300ppm/°C drift.
7.3 Feature Description
7.3.1 LM50 and LM50HVTransfer Function
The LM50 and LM50HV follow a simple linear transfer function to achieve the accuracy as listed in the Section
6.5 and Section 6.6 tables.
Use Equation 1 to calculate the value of VO.
VO = 10mV/°C × T °C + 500mV
(1)
where
• T is the temperature in °C
• VO is the LM50 and LM50HV output voltage
7.4 Device Functional Modes
The only functional mode of the device has an analog output directly proportional to temperature.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com