Electronic Components Datasheet Search
  English  ▼

X  

MP2607DL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2607DL Datasheet HTML 3Page - Monolithic Power Systems MP2607DL Datasheet HTML 4Page - Monolithic Power Systems MP2607DL Datasheet HTML 5Page - Monolithic Power Systems MP2607DL Datasheet HTML 6Page - Monolithic Power Systems MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems MP2607DL Datasheet HTML 10Page - Monolithic Power Systems MP2607DL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.03
www.MonolithicPower.com
7
5/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
VIN=5.5V, CIN=4.7µF, CSYS=10µF, CBAT=4.7µF, TA=25°C, unless otherwise noted.
CC Charge Current vs.
Temperature
1200
1000
800
600
400
200
0
CC Charge Current vs.
Input Voltage
VBAT (V)
VIN (V)
Charge Current vs.
Battery Voltage
ICHG vs. 1/RCHG
TIME (Min)
Battery Charge Curve
VBAT
ICHG
VIN
2V/div.
VBAT
1V/div.
ISYS
0.5A/div.
IBAT
0.5A/div.
IIN
0.5A/div.
VSYS
2V/div.
VBAT
2V/div.
VBAT
2V/div.
ISYS
0.5A/div.
ISYS
0.5A/div.
IBAT
0.5A/div.
IBAT
0.5A/div.
IIN
0.2A/div.
IIN
0.2A/div.
4s/div.
4s/div.
10s/div.
VBAT CV Regulation Voltage vs.
Temperature
Power Path Management
MODE=1, 1.5A Source Current Limit,
W/ Battery
Power Path Management
MODE=0, W/ Battery
Power Path Management
MODE=0, W/ Battery
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
020
40
60
80
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
800
2
2.5
3
3.5
4
4.5
4.5
4.8
5.1
5.4
5.7
6
0
200
400
600
800
1000
1200
1400
0
0.1
0.2
0.3
0.4
0.5
0.6
Temperature ( C)
Temperature ( C)
0
100
200
300
400
500
600
700
-50 -30 -10 10
30
50
70
90
3.8
3.9
4
4.1
4.2
4.3
-40 -20
0
20406080
Rchg=2.21k
Rchg=3.6k
Rchg=8.66k
Thermal Fold back
MODE=1, Rchg=3.6k
MODE=1, Rchg=8.66k
MODE=0, Rchg=3.6k
Mode=1
Mode=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com