Electronic Components Datasheet Search
  English  ▼

X  

MP2607DL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2607DL Datasheet HTML 6Page - Monolithic Power Systems MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems MP2607DL Datasheet HTML 10Page - Monolithic Power Systems MP2607DL Datasheet HTML 11Page - Monolithic Power Systems MP2607DL Datasheet HTML 12Page - Monolithic Power Systems MP2607DL Datasheet HTML 13Page - Monolithic Power Systems MP2607DL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.03
www.MonolithicPower.com
10
5/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
BLOCK DIAGRAM
IN
MODE
ICHSET
BATT
SYS
TMR
NTC
VIN REGULATOR
1. For AC: Vout = 5V
Coarse current
limit = 2A
2. For USB: Vout=VIN
Accurate current
limit set internally to
450mA typ.
References
&Bias
BATTERY CHARGE
CONTROL
Trickle Charge
CC/CV Regulation
Thermal Regulation
Programmable ICH
Dynamic
ICH Adjustment
Auto-recharge
Time-out temination
2.8V
4.05V
RE_CHG
TRICKLE_CHG
4.3V
ICH foldback for
Current limited AC
VIN UVLO
Time Out
Counter
EN
BATT
BATTERY SWITCH
CONTROL
&
2X CHARGE PUMP
Constant VD_BSW
Constant RON_BSW
Current Limit
MP1SEN
MP2
MNSW
NSW_ON
Charger Status
Decoder
BATTERY
UVLO
TEMP_OK
EN
VBAT_GOOD
GND
AC
Adaptor
or
USB
port
RCHSET
CTMR
RTHM
SYSTEM
10mV
COMP
SYS<BAT
CHG
VBG
EN
MP1
ICH foldback for
USB mode
TRICKLE_CHG
EN
EN
IN
IN
RT1
R2
R3
R1
EN
EN
STAT2
STAT1
CEB
RT2
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com