Electronic Components Datasheet Search
  English  ▼

X  

AD9744ACP Datasheet(PDF) 11 Page - Analog Devices

Part # AD9744ACP
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ACP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9744ACP Datasheet HTML 7Page - Analog Devices AD9744ACP Datasheet HTML 8Page - Analog Devices AD9744ACP Datasheet HTML 9Page - Analog Devices AD9744ACP Datasheet HTML 10Page - Analog Devices AD9744ACP Datasheet HTML 11Page - Analog Devices AD9744ACP Datasheet HTML 12Page - Analog Devices AD9744ACP Datasheet HTML 13Page - Analog Devices AD9744ACP Datasheet HTML 14Page - Analog Devices AD9744ACP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9744
Rev. B | Page 11 of 32
45
50
55
60
65
70
75
80
85
90
95
020
–40
–20
40
60
80
TEMPERATURE (°C)
4MHz
19MHz
34MHz
49MHz
Figure 18. SFDR vs. Temperature @ 165 MSPS, 0 dBFS
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT = 15.0MHz
SFDR = 79dBc
AMPLITUDE = 0dBFS
Figure 19. Single-Tone SFDR
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
SFDR = 77dBc
AMPLITUDE = 0dBFS
Figure 20. Dual-Tone SFDR
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
fOUT3 = 15.8MHz
fOUT4 = 16.2MHz
SFDR = 75dBc
AMPLITUDE = 0dBFS
Figure 21. Four-Tone SFDR
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
CENTER 33.22 MHz
3 MHz
SPAN 30 MHz
CU1
C0
C0
C11
C11
C12
C12
CU1
CU2
CU2
–39.01dBm
29.38000000MHz
CHPWR –19.26dBm
ACP UP –64.98dB
ACP LOW +0.55dB
ALT1 UP –66.26dB
ALT1 LOW –64.23dB
Figure 22. Two-Carrier UMTS Spectrum,
fCLOCK = 122.88 MSPS (ACLR = 64 dB) LFCSP Package
CENTER 10MHz
FREQ OFFSET
5.000MHz
REF BW
3.840MHz
LOWER
dBc
–74.62
dBm
–84.12
UPPER
dBc
–75.04
dBm
–84.54
SPAN 18MHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
RES BW = 30kHz
VBW = 300kHz
ATTEN = 8dB
AVG = 50
Figure 23. Single-Carrier UMTS Spectrum,
fCLOCK = 61.44 MSPS (ACLR = 74 dB) LFCSP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com