Electronic Components Datasheet Search
  English  ▼

X  

AD9744ACP Datasheet(PDF) 17 Page - Analog Devices

Part # AD9744ACP
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ACP Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9744ACP Datasheet HTML 13Page - Analog Devices AD9744ACP Datasheet HTML 14Page - Analog Devices AD9744ACP Datasheet HTML 15Page - Analog Devices AD9744ACP Datasheet HTML 16Page - Analog Devices AD9744ACP Datasheet HTML 17Page - Analog Devices AD9744ACP Datasheet HTML 18Page - Analog Devices AD9744ACP Datasheet HTML 19Page - Analog Devices AD9744ACP Datasheet HTML 20Page - Analog Devices AD9744ACP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9744
Rev. B | Page 17 of 32
50
100
150
0
1
2
3
4
5
6
7
8
9
11
10
fCLOCK (MSPS)
250
200
0
SE
PECL
DIFF
Figure 33. ICLKVDD vs. fCLOCK and Clock Mode
APPLYING THE AD9744
Output Configurations
The following sections illustrate some typical output configura-
tions for the AD9744. Unless otherwise noted, it is assumed that
IOUTFS is set to a nominal 20 mA. For applications requiring the
optimum dynamic performance, a differential output configu-
ration is suggested. A differential output configuration may
consist of either an RF transformer or a differential op amp
configuration. The transformer configuration provides the
optimum high frequency performance and is recommended for
any application that allows ac coupling. The differential op amp
configuration is suitable for applications requiring dc coupling,
a bipolar output, signal gain, and/or level shifting within the
bandwidth of the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage
results if IOUTA and/or IOUTB are connected to an appro-
priately sized load resistor, RLOAD, referred to ACOM. This
configuration may be more suitable for a single-supply system
requiring a dc-coupled, ground referred output voltage. Alter-
natively, an amplifier could be configured as an I-V converter,
thus converting IOUTA or IOUTB into a negative unipolar
voltage. This configuration provides the best dc linearity since
IOUTA or IOUTB is maintained at a virtual ground.
DIFFERENTIAL COUPLING USING A TRANS-
FORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in Figure 34. A
differentially coupled transformer output provides the optimum
distortion performance for output signals whose spectral con-
tent lies within the transformer’s pass band. An RF transformer,
such as the Mini-Circuits T1–1T, provides excellent rejection of
common-mode distortion (that is, even-order harmonics) and
noise over a wide frequency range. It also provides electrical
isolation and the ability to deliver twice the power to the load.
Transformers with different impedance ratios may also be used
for impedance matching purposes. Note that the transformer
provides ac coupling only.
RLOAD
AD9744
MINI-CIRCUITS
T1-1T
OPTIONAL RDIFF
IOUTA
IOUTB
22
21
Figure 34. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages ap-
pearing at IOUTA and IOUTB (that is, VOUTA and VOUTB) swing
symmetrically around ACOM and should be maintained with
the specified output compliance range of the AD9744. A differ-
ential resistor, RDIFF, may be inserted in applications where the
output of the transformer is connected to the load, RLOAD, via a
passive reconstruction filter or cable. RDIFF is determined by the
transformer’s impedance ratio and provides the proper source
termination that results in a low VSWR. Note that approxi-
mately half the signal power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-
single-ended conversion, as shown in Figure 35. The AD9744 is
configured with two equal load resistors, RLOAD, of 25 Ω. The
differential voltage developed across IOUTA and IOUTB is
converted to a single-ended signal via the differential op amp
configuration. An optional capacitor can be installed across
IOUTA and IOUTB, forming a real pole in a low-pass filter. The
addition of this capacitor also enhances the op amp’s distortion
performance by preventing the DAC’s high slewing output from
overloading the op amp’s input.
AD9744
IOUTA
IOUTB
COPT
500
Ω
225
Ω
225
Ω
500
Ω
25
Ω
25
Ω
AD8047
22
21
Figure 35. DC Differential Coupling Using an Op Amp
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differ-
ential op amp circuit using the AD8047 is configured to provide
some additional signal gain. The op amp must operate off a dual
supply since its output is approximately ±1 V. A high speed am-
plifier capable of preserving the differential performance of the
AD9744 while meeting other system level objectives (such as,
cost or power) should be selected. The op amp’s differential
gain, gain setting resistor values, and full-scale output swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com