Electronic Components Datasheet Search
  English  ▼

X  

AD3530R Datasheet(PDF) 44 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 44 Page - Analog Devices

Back Button AD3530R Datasheet HTML 40Page - Analog Devices AD3530R Datasheet HTML 41Page - Analog Devices AD3530R Datasheet HTML 42Page - Analog Devices AD3530R Datasheet HTML 43Page - Analog Devices AD3530R Datasheet HTML 44Page - Analog Devices AD3530R Datasheet HTML 45Page - Analog Devices AD3530R Datasheet HTML 46Page - Analog Devices AD3530R Datasheet HTML 47Page - Analog Devices AD3530R Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. A | 44 of 49
Table 33. Bit Descriptions for SW_LDAC_EN_0 (Continued)
Bits
Bit Name
Description
Reset
Access
0
SLD_EN_CH_0
Software LDAC Enable Channel 0. Enable/disable software LDAC functionality on Channel 0.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 0.
1: SLD En 1. Enable software LDAC on Channel 0.
DAC REGISTER
Address: 0xD2 to 0xE0 (increments of 2), Reset: 0x0000, Name: DAC_CHn
16-bit data defines the voltage of VOUTn pin, where n is the channel number.
DAC_CH0: 0xD2-0xD3
DAC_CH1: 0xD4-0xD5
DAC_CH2: 0xD6-0xD7
DAC_CH3: 0xD8-0xD9
DAC_CH4: 0xDA-0xDB
DAC_CH5: 0xDC-0xDD
DAC_CH6: 0xDE-0xDF
DAC_CH7: 0xE0-0xE1
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:0] DAC_VAL (R/W)
Table 34. Bit Descriptions for DAC_CHn
Bits
Bit Name
Description
Reset
Access
[15:0]
DAC_VAL
DAC Value. 16-bit data defines the voltage of the VOUTn pin, where n is the channel number.
0x0
R/W
MULTIPLE DAC REGISTER
Address: 0xE2, Reset: 0x0000, Name: MULTI_DAC_CH
Data written to this register also writes all DAC_CHn selected in MULTI_DAC_SEL_0.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:0] MULTI_DAC_VAL (R/W)
Table 35. Bit Descriptions for MULTI_DAC_CH
Bits
Bit Name
Description
Reset
Access
[15:0]
MULTI_DAC_VAL
Multiple DAC Value. Data written to all DAC_CHn selected in MULTI_DAC_SEL_0. Read data will always
return the latest data written.
0x0
R/W
MULTIPLE DAC SELECT 0 REGISTER
Address: 0xE4, Reset: 0xFF, Name: MULTI_DAC_SEL_0
Select which DAC_CHn will be written when a write operation is executed on MULTI_DAC_CH. Only applies DAC_CH0 to DAC_CH7.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7] MD_SEL_CH_7 (R/W)
[0] MD_SEL_CH_0 (R/W)
[6] MD_SEL_CH_6 (R/W)
[1] MD_SEL_CH_1 (R/W)
[5] MD_SEL_CH_5 (R/W)
[2] MD_SEL_CH_2 (R/W)
[4] MD_SEL_CH_4 (R/W)
[3] MD_SEL_CH_3 (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com