Electronic Components Datasheet Search
  English  ▼

X  

AD4084BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 50Page - Analog Devices AD4084BBCZ Datasheet HTML 51Page - Analog Devices AD4084BBCZ Datasheet HTML 52Page - Analog Devices AD4084BBCZ Datasheet HTML 53Page - Analog Devices AD4084BBCZ Datasheet HTML 54Page - Analog Devices AD4084BBCZ Datasheet HTML 55Page - Analog Devices AD4084BBCZ Datasheet HTML 56Page - Analog Devices AD4084BBCZ Datasheet HTML 57Page - Analog Devices AD4084BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
Data Sheet
AD4084
DIGITAL FEATURES
analog.com
Rev. 0 | 54 of 94
Event Detection Timing
When event detection is enabled in the general configuration regis-
ter (see the General Configuration Register section), the HI_DTCT
and LO_DTCT signals indicate the occurrence of an internally
generated event. These signals can be routed internally through the
following paths:
►
HI_DTCT and LO_DTCT are directly accessible via an enabled
GPIO with GPIO_x_SEL set to 0b100 or 0b101, respectively, a
threshold event can be monitored externally by a digital host via
the GPIO. Logic 1 on a configured GPIO indicates detection of
an event.
►
HI_DTCT and LO_DTCT can each be routed by setting the
HI_ROUTE and LO_ROUTE bits to 1, respectively, in the general
configuration register (Address 0x1C) to allow HI_DTCT and
LO_DTCT to propagate to the LO_STATUS and HI_STATUS bits
in the device status register (see the Device Status Register
section, Address 0x14). These status bits can be monitored by
the digital host via the configuration SPI. Logic 1 on a configured
GPIO indicates the detection of an event. Each of these two
bits are independently cleared when a 1 is written to these bits.
Power cycling or device reset also result in the bits clearing.
►
HI_DTCT and LO_DTCT can each be routed by setting the
HI_ROUTE and LO_ROUTE bits to 1, respectively, in the general
configuration register (Address 0x1C) to allow HI_DTCT and
LO_DTCT to propagate to the ALERT signal. Any enabled GPIO
set to output a status alert, that is, with GPIO_x_SEL set to
0b0110, routes the ALERT signal to the GPIO to indicate when
an event occurs. A GPIO configured in this mode is normally
high, with a logic low indicating that an event has occurred. As
indicated in the Figure 85 section, this GPIO remains low only
while the threshold level is crossed, and it returns to logic high as
soon as the threshold bound is no longer crossed, and the timing
in Figure 84 is satisfied.
Event detection is synchronous to the rising edge of the CNV+. A
latency of two conversion clock cycles exists from the first CNV+
edge where the analog input crosses a threshold to a detected
event that is flagged in the device status register and to any GPIO
configured to route ALERT. As is evident in Figure 83, where both
the HI_DTCT flag and ALERT routed to a GPIO are shown, the
behavior, once the threshold level is no longer crossed, is different.
When a CNV+ rising edge occurs where the analog input no
longer crosses the set threshold, ALERT de-asserts two conversion
cycles later, on the rising edge of CNV. Any HI_DTCT or LO_DTCT
already set is not cleared at this point. These signals are only
cleared by writing 1 to the relevant bits in the device status register
(Address 0x14) or where a device reset occurred.
Figure 84. Event Detection Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com