Electronic Components Datasheet Search
  English  ▼

X  

ADA4356ABCZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 37Page - Analog Devices ADA4356ABCZ Datasheet HTML 38Page - Analog Devices ADA4356ABCZ Datasheet HTML 39Page - Analog Devices ADA4356ABCZ Datasheet HTML 40Page - Analog Devices ADA4356ABCZ Datasheet HTML 41Page - Analog Devices ADA4356ABCZ Datasheet HTML 42Page - Analog Devices ADA4356ABCZ Datasheet HTML 43Page - Analog Devices ADA4356ABCZ Datasheet HTML 44Page - Analog Devices ADA4356ABCZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
41 of 61
Table 10.Recommended PECL/LVDS Drivers
PART NUMBER (S)
FREQUENCIES
AD9510/AD9511/AD9512 (AD9512-EP grade available)
1.2GHz LVPECL, 800MHz LVDS
AD9513
800MHz LVDS
AD9514/AD9515
1.6GHz LVPECL, 800MHz LVDS
AD9516-0/AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5
1.6GHz LVPECL, 800MHz LVDS
AD9517-0/AD9517-1/AD9517-2/AD9517-3/AD9517-4
1.6GHz LVPECL, 800MHz LVDS
A third option is to AC-couple(d) a differential LVDS signal to the sample clock input balls, as shown in Figure 88. For
the recommended LVDS drivers that offer excellent jitter performance, see Table 10.
Figure 88. Differential LVDS Sample Clock (up to 1GHz)
In some applications, it may be acceptable to drive the sample clock inputs with a single-ended 1.8V CMOS signal. In
such applications, drive the CLKP ball (F11) directly from a CMOS gate, and bypass the CLKN ball (E11) to ground with
a 0.1µF capacitor (see Figure 89).
Figure 89. Single-Ended 1.8V CMOS Input Clock (up to 200MHz)
Input Clock Divider
The ADA4356 contains an input clock divider that can divide the input clock by integer values from 1 to 8. The power-
on default clock divider ratio is always 1. If a different clock divide ratio is required, change SPI Register 0x0B. To
achieve a given sample rate, multiply the frequency of the externally applied clock by the divide value. The increased
rate of the external clock normally results in lower clock jitter, which is beneficial for intermediate frequency (IF)
undersampling applications.
Clock Duty Cycle
The ADC uses both clock edges to generate a variety of internal timing signals and, as a result, can be sensitive to the
clock duty cycle. Commonly, a ±5% tolerance is required on the clock duty cycle to maintain dynamic performance
characteristics.
The ADA4356 offers a duty cycle stabilizer (DCS) that retimes the nonsampling (falling) edge, providing an internal
clock signal with a nominal 50% duty cycle. The DCS allows the user to provide a wide range of clock input duty cycles
without affecting the performance of the ADA4356. Noise and distortion performance are nearly unchanged for a
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLKN
CLKP
ADC
CLOCK
INPUT
CLOCK
INPUT
LVDS DRIVER
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
150Ω RESISTOR IS OPTIONAL.
CLKN
CLKP
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
CMOS DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com