Electronic Components Datasheet Search
  English  ▼

X  

ADA4356ABCZ Datasheet(PDF) 50 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 46Page - Analog Devices ADA4356ABCZ Datasheet HTML 47Page - Analog Devices ADA4356ABCZ Datasheet HTML 48Page - Analog Devices ADA4356ABCZ Datasheet HTML 49Page - Analog Devices ADA4356ABCZ Datasheet HTML 50Page - Analog Devices ADA4356ABCZ Datasheet HTML 51Page - Analog Devices ADA4356ABCZ Datasheet HTML 52Page - Analog Devices ADA4356ABCZ Datasheet HTML 53Page - Analog Devices ADA4356ABCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
50 of 61
SPI_WRITE(0x05, 0x31);
Hardware Interface
The balls described in Table 16 comprise the physical interface between the user-programming device and the serial
port of the ADA4356. The SCLK and the CS
̅̅̅̅
ball function as inputs when using the SPI. The SDIO ball is bidirectional,
functioning as an input during write phases and as an output during readback.
The SPI is flexible enough to be controlled by either FPGAs or microcontrollers. One method for SPI configuration is
described in detail in the Application Note AN-812: Microcontroller-Based Serial Port Interface (SPI®) Boot Circuit.
It is recommended that the SPI port must not be active during periods when the full dynamic performance of the
converter is required. Because the signals on SCLK, CS
̅̅̅̅
, and SDIO are typically asynchronous to the ADC clock, noise
from these signals can degrade converter performance. If the on-board SPI bus is used for other devices, it may be
necessary to provide buffers between this bus and the ADA4356 to prevent these signals from transitioning at the
converter inputs during critical sampling periods.
SPI Accessible Features
Table 17 provides a brief description of the general features accessible via the SPI. These features are described in
general in the Application Note AN-877: Interfacing to High Speed ADCs via SPI. ADA4356 device-specific features are
described in Table 18.
Table 17. Features Accessible Using the SPI
FEATURE NAME
DESCRIPTION
Power Mode
Allows the user to set either power-down or standby mode.
Clock
Allows the user to access the DCS, set the clock divider, and set the clock divider phase.
Offset
Allows the user to digitally adjust the converter offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com