Electronic Components Datasheet Search
  English  ▼

X  

24C64 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # 24C64
Description  available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

24C64 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  24C64 Datasheet HTML 1Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 2Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 3Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 4Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 5Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 6Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 7Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 8Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
O M
Pin Descriptions
DEVICE/PAGE ADDRESSES (A2, A1 and A0): The A2, A1 and A0 pins are device address inputs that are hard
wired for the 24C32/ 24C64. Eight 32K/64K devices may be addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open- collector devices.
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative
edge clock data out of each device.
WRITE PROTECT (WP): The 24C32/ 24C64 has a Write Protect pin that provides hardware data protection. The
Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is
connected to VCC, the write protection feature is enabled and operates as shown in the following Table 2.
Memory Organization
24C32, 32K SERIAL EEPROM: Internally organized with 128 pages of 32 bytes each, the 32K requires an 12-bit
data word address for random word addressing.
24C64, 64K SERIAL EEPROM: Internally organized with 256 pages of 32 bytes each, the 64K requires a 13-bit
data word address for random word address
¡Table 2: Write Protect
WP Pin Status
Part of the Array Protected
24C64
Full (64K) Array
24C32
Full (32K) Array
Normal Read / Write Operations
At VCC
At GND
3
24C32 / 24C64
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com