Electronic Components Datasheet Search
  English  ▼

X  

24C64 Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # 24C64
Description  available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

24C64 Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  24C64 Datasheet HTML 1Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 2Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 3Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 4Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 5Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 6Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 7Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 8Page - Estek Electronics Co. Ltd 24C64 Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E E P R O M
¡Figure 3: Output Acknowledge
Device Addressing
The 32K and 64K EEPROM devices all require an 8-bit device address word following a start condition to enable the
chip for a read or write operation (see to Figure 4 on page 7).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as shown.
This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 32K/64K EEPROM. These 3 bits must compare to
their corresponding hardwired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip will return to a
standby state.
SCL
DATA IN
1
DATA OUT
8
9
ACKNOWLEDGE
START
5
24C32 / 24C64
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com