Electronic Components Datasheet Search
  English  ▼

X  

BAV19W Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # BAV19W
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAV19W Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  BAV19W Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAV19W Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAV19W Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV19W
Typical Characteristics
Forward Characteristics
0
20
40
60
80
100
120
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
f=
0
5
10
15
20
REVERSE VOLTAGE V
R
(V)
Pulsed
T =100℃
a
T =25℃
a
0
25
50
75
100
125
150
AMBIENT TEMPERATURE
Ta
(℃)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE
V
F
(V)
Capacitance Characteristics
Reverse Characteristics
1000
400
400
200
600
300
500
100
100
100
0.4
0.8
0.6
0.1
1.0
1.2
1.4
30
10
10
3
0
1
1
T =25℃
a
1MHz
Pulsed
SWITCHING DIODE
BAV19W
2
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com