Electronic Components Datasheet Search
  English  ▼

X  

BAV19W Datasheet(PDF) 3 Page - Shunxin Technology Co., Ltd.

Part # BAV19W
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAV19W Datasheet(HTML) 3 Page - Shunxin Technology Co., Ltd.

  BAV19W Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAV19W Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAV19W Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOD-123 Package Outline Dimensions
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
0.500 REF
0.020 REF
L1
0.250
0.450
0.010
0.018
θ
0°
8°
0°
8°
SOD-123 Suggested Pad Layout
SWITCHING DIODE
BAV19W
3
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com