Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CTY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH16L06CTY
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 1 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2017
DocID026936 Rev 3
1/12
This is information on a product in full production.
www.st.com
STTH16L06C-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet - production data
Features
AEC-Q101 qualified
Low reverse recovery current
Reduce switching and conduction losses
Low thermal resistance
Ultrafast switching
PPAP capable
ECOPACK®2 compliant component
Description
The STTH16L06C-Y is specially suited for use in
switching power supplies as rectifier and
discontinuous mode PFC boost diode for
automotive applications.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 8 A
VRRM
600 V
Tj
+175 °C
VF (typ.)
1.05 V
trr (max.)
35 ns
A1
K
K
A2
K
A1
A2
TO-220AB
K
D²PAK
K
A1
A2


Similar Part No. - STTH16L06CTY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH16L06CTY STMICROELECTRONICS-STTH16L06CTY Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
More results

Similar Description - STTH16L06CTY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com