Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CTY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH16L06CTY
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
STTH16L06C-Y
4/12
DocID026936 Rev 3
1.1
Characteristics (curves)
Figure 1: Conduction losses versus average
forward current (per diode)
Figure 2: Forward voltage drop versus forward
current (per diode)
Figure 3: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220AB, D²PAK)
Figure 4: Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 5: Reverse recovery time versus dlF/dt
(typical values, per diode)
Figure 6: Reverse recovery charges versus dlF/dt
(typical values, per diode)
0
5
10
15
0
2
4
6
8
10
P(W)
T
δ =tp/T
tp
= 0.05
δ = 1
I
(A)
F (AV)
δ = 0.1 δ = 0.2
δ = 0.5
δ
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E -03
1.E -02
1.E -01
1.E +00
Z
/R
th (j-c)
th (j-c )
t (s )
p
S ingle puls e
0
2
4
6
8
10
12
14
16
18
0
50
1 00
15 0
2 00
2 50
3 0 0
3 5 0
4 0 0
4 5 0
5 00
dI /dt(A/µs)
F
I =2 x I
F
F(AV )
I =I
F
F(AV )
I =0 .5 x I
F
F(AV )
V =40 0V
T =1 25 °C
R
j
IRM(A)
0
50
100
150
200
250
300
350
400
0
50
10 0
150
200
25 0
300
350
4 00
450
500
t (ns)
r r
dI /dt(A/µs)
F
I =I
F
F(AV )
I =0.5 x I
F
F(AV )
V =40 0V
T =125 °C
R
j
I =2 x I
F
F(AV )
0
5 0
10 0
15 0
20 0
25 0
30 0
35 0
40 0
45 0
50 0
55 0
60 0
65 0
70 0
75 0
80 0
0
1 0 0
2 0 0
3 00
4 00
5 00
Q (nC)
r r
I =2 x I
F
F(AV )
I =I
F
F(AV )
I =0.5 x I
F
F(AV )
V =40 0V
T =1 25 °C
R
j
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com