Electronic Components Datasheet Search
  English  ▼

X  

TMP411ADR Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP411ADR
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411ADR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP411ADR Datasheet HTML 16Page - Texas Instruments TMP411ADR Datasheet HTML 17Page - Texas Instruments TMP411ADR Datasheet HTML 18Page - Texas Instruments TMP411ADR Datasheet HTML 19Page - Texas Instruments TMP411ADR Datasheet HTML 20Page - Texas Instruments TMP411ADR Datasheet HTML 21Page - Texas Instruments TMP411ADR Datasheet HTML 22Page - Texas Instruments TMP411ADR Datasheet HTML 23Page - Texas Instruments TMP411ADR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
7.2 Functional Block Diagram
V+
SDA
D+
Control Logic
Oscillator
Internal
thermal
BJT
SCL
Serial Interface
GND
ADC
Register
Bank
D-
ID
THERM
Resistor
Decoder
Voltage
Regulator
n2×ID
n1×ID
ALERT /
THERM2
7.3 Feature Description
7.3.1 Series Resistance Cancellation
Figure 7-1 shows series resistance in an application circuit that results from printed circuit board (PCB) trace
resistance and remote line length. The TMP411/TMP411D automatically cancels the resistance, which prevents
a temperature offset.
The TMP411/TMP411D device cancels up to 3kΩ of series line resistance that eliminates the need for additional
characterization and temperature offset correction.
See Figure 6-8 (Figure 6-9 for new chip), Figure 6-10 (Figure 6-11 for new chip), Figure 6-25 and Figure 6-26 for
details on the effect of series resistance and power-supply voltage on sensed remote temperature error.
7.3.2 Differential Input Capacitance
The TMP411/TMP411D tolerates differential input capacitance of up to 1000pF with minimal change in
temperature error. The effect of capacitance on sensed remote temperature error is shown in Figure 6-12 (Figure
6-13 for new chip) and Figure 6-27.
7.3.3 Temperature Measurement Data
Temperature measurement data is taken over a default range of 0°C to 127°C for local and remote locations.
Measurements from –55°C to 150°C can be made locally and remotely by reconfiguring the TMP411/TMP411D
device for the extended temperature range. To change the TMP411/TMP411D configuration from the standard to
the extended temperature range, switch bit 2 (RANGE) of the Configuration Register from low to high.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com