Electronic Components Datasheet Search
  English  ▼

X  

TMP411ADR Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP411ADR
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411ADR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP411ADR Datasheet HTML 45Page - Texas Instruments TMP411ADR Datasheet HTML 46Page - Texas Instruments TMP411ADR Datasheet HTML 47Page - Texas Instruments TMP411ADR Datasheet HTML 48Page - Texas Instruments TMP411ADR Datasheet HTML 49Page - Texas Instruments TMP411ADR Datasheet HTML 50Page - Texas Instruments TMP411ADR Datasheet HTML 51Page - Texas Instruments TMP411ADR Datasheet HTML 52Page - Texas Instruments TMP411ADR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TMP411ADGKR
VSSOP
DGK
8
2500
367
367
38
TMP411ADGKR
VSSOP
DGK
8
2500
366
364
50
TMP411ADR
SOIC
D
8
2500
356
356
35
TMP411BDGKR
VSSOP
DGK
8
2500
366
364
50
TMP411BDGKR
VSSOP
DGK
8
2500
367
367
38
TMP411BDR
SOIC
D
8
2500
356
356
35
TMP411CDGKR
VSSOP
DGK
8
2500
366
364
50
TMP411CDR
SOIC
D
8
2500
356
356
35
TMP411EDGKR
VSSOP
DGK
8
2500
366
364
50
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com