Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP411AD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411AD Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP411AD Datasheet HTML 35Page - Texas Instruments TMP411AD Datasheet HTML 36Page - Texas Instruments TMP411AD Datasheet HTML 37Page - Texas Instruments TMP411AD Datasheet HTML 38Page - Texas Instruments TMP411AD Datasheet HTML 39Page - Texas Instruments TMP411AD Datasheet HTML 40Page - Texas Instruments TMP411AD Datasheet HTML 41Page - Texas Instruments TMP411AD Datasheet HTML 42Page - Texas Instruments TMP411AD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Table 8-9. THERM Hysteresis Register Format
THERM HYSTERESIS REGISTER (READ = 21h, WRITE = 21h, POR = 0Ah)
BIT
NUMBER
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
TH11
TH10
TH9
TH8
TH7
TH6
TH5
TH4
POR
VALUE
0
0
0
0
1
0
1
0
8.13 Remote Temperature Offset Register
The offset register allows the TMP411E/TMP411DE to store any system offset compensation value that can
result from precision calibration. The value in the register is stored in the same format as the temperature result,
and is added to the remote temperature result after each conversion. Combined with the η-factor correction, the
function allows for an accurate system calibration over the entire temperature range.
8.14 Identification Registers
The TMP411/TMP411D allows for the two-wire bus controller to query the device for manufacturer and device
identification. This feature allows for software identification of the device at the particular two-wire bus address.
The manufacturer identification is obtained by reading from pointer address FEh. The TMP411/TMP411D
manufacturer code is 55h. The device identification depends on the specific model, as listed in Table 8-1. These
registers are read-only.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com