Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP411AD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP411AD Datasheet HTML 5Page - Texas Instruments TMP411AD Datasheet HTML 6Page - Texas Instruments TMP411AD Datasheet HTML 7Page - Texas Instruments TMP411AD Datasheet HTML 8Page - Texas Instruments TMP411AD Datasheet HTML 9Page - Texas Instruments TMP411AD Datasheet HTML 10Page - Texas Instruments TMP411AD Datasheet HTML 11Page - Texas Instruments TMP411AD Datasheet HTML 12Page - Texas Instruments TMP411AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
6.6 Electrical Characteristics (TMP411D)
At TA = -40°C to +125°C and V+ = 1.62V to 5.5V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TERROR(LO
CAL)
Local temperature sensor
TA = -25°C to 85°C
–0.8
±0.1
0.8
°C
TA = -40°C to 125°C
–1
1
TERROR(RE
MOTE)
Remote temperature sensor(1)
TA = -25°C to 85°C
TDIODE = -55°C to 150°C
–0.8
±0.25
0.8
°C
TA = -40°C to 105°C
TDIODE = -55°C to 150°C
–1
1
TA = -40°C to 125°C
TDIODE = -55°C to 150°C
–1.25
1.25
TERROR_PS
Temperature error power supply
sensitivity (local and remote)
V+ = 1.62V to 5.5V
TDIODE = -55°C to 150°C
–0.2
±0.1
0.2
°C/V
TEMPERATURE MEASUREMENT
TRES
Resolution
Local temperature
sensor
(programmable)
9
12
Bits
Remote
temperature sensor
12
TREPEAT
Repeatability
Local sensor
V+ = 3.3V, 1Hz conversion
cycle
±1
LSB
RSERIES
Remote sensor
source current
High
Series resistance: 3kΩ
maximum
120
µA
Medium
60
Low
6
tCONV
Conversion
time
Local conversion
only
one-shot mode
17.7
ms
Remote conversion
+ local conversion
30
35
40
tVAR
Timing variation
Conversion period
-15
±5
15
%
η
Remote transistor ideality factor
Optimized ideality factor
1.008
SMBus INTERFACE
CIN
SMBus input capacitance (SCL,
SDA)
3
pF
VIH
Logic input high voltage (SCL, SDA)
V+ ≥ 2.7V
2.1
V
V+ < 2.7V
0.7×V+
VIL
Logic input low voltage (SCL, SDA)
V+ ≥ 2.7V
0.8
V
V+ < 2.7V
0.3×V+
ILI and ILO Logic input/output current
–0.2
0.2
µA
VHYST
Hysteresis
170
mV
SMBus clock frequency
V+ ≥ 2.7V
3.4
MHz
SMBus timeout
25
30
35
ms
SCL falling edge to SDA valid time
1
µs
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6mA
V+ ≥ 2.7V
0.3
0.4
V
IOUT = 3mA
V+ < 2.7V
0.17
0.4
IOH
High-level output leakage current
VOUT = V+
0.05
0.2
µA
POWER SUPPLY
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com