Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP61
Description  TMP64 ±1% 47-kΩ Linear Thermistor with 0402 and 0603 Package Options
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP61 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 4Page - Texas Instruments TMP61 Datasheet HTML 5Page - Texas Instruments TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments TMP61 Datasheet HTML 10Page - Texas Instruments TMP61 Datasheet HTML 11Page - Texas Instruments TMP61 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
7.6 Typical Characteristics
at TA = 25 °C, (unless otherwise noted)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
TMP6
IBIAS = 2 PA
IBIAS = 10 PA
IBIAS = 20 PA
IBIAS = 42.6 PA
IBIAS = 100 PA
Figure 7-1. Resistance vs. Ambient Temperature
Using Multiple Bias Currents
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
TMP6
VBIAS = 1.8 V
VBIAS = 2.5 V
VBIAS = 3.3 V
VBIAS = 5.5 V
RBias = 47 kΩ with ±0.01 % Tolerance
Figure 7-2. Resistance vs. Ambient Temperature
Using Multiple Bias Voltages
Bias Current (PA)
0
10
20
30
40
50
60
70
80
90
100
6000
6100
6200
6300
6400
6500
64_T
Figure 7-3. TCR as a Function of Sense Current,
ISNS
Bias Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
6000
6100
6200
6300
6400
6500
64_T
RBias = 47 kΩ with ±0.01% Tolerance
Figure 7-4. TCR as a Function of Sense Voltage,
VSNS
Current (PA)
0
20
40
60
80
100
0
20
40
60
80
100
120
TMP6
-40 qC
25 qC
50 qC
100 qC
125 qC
150 qC
Figure 7-5. Supply Dependence Resistance vs.
Bias Current
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
20
40
60
80
100
120
TMP6
-40 qC
25 qC
50 qC
100 qC
125 qC
150 qC
RBias = 47 kΩ with ±0.01% Tolerance
Figure 7-6. Supply Dependence R vs. VBias
TMP64
SNIS212C – DECEMBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com