Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28026 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320F28026
Description  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28026 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320F28026 Datasheet HTML 25Page - Texas Instruments TMS320F28026 Datasheet HTML 26Page - Texas Instruments TMS320F28026 Datasheet HTML 27Page - Texas Instruments TMS320F28026 Datasheet HTML 28Page - Texas Instruments TMS320F28026 Datasheet HTML 29Page - Texas Instruments TMS320F28026 Datasheet HTML 30Page - Texas Instruments TMS320F28026 Datasheet HTML 31Page - Texas Instruments TMS320F28026 Datasheet HTML 32Page - Texas Instruments TMS320F28026 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
8.13 Clock Specifications
8.13.1 Device Clock Table
This section provides the timing requirements and switching characteristics for the various clock options
available on the 2802x MCUs. Section 8.13.1.1, Section 8.13.1.2, and Section 8.13.1.3 list the cycle times of
various clocks.
8.13.1.1 2802x Clock Table and Nomenclature (40-MHz Devices)
MIN
NOM
MAX
UNIT
SYSCLKOUT
tc(SCO), Cycle time
25
500
ns
Frequency
2
40
MHz
LSPCLK(1)
tc(LCO), Cycle time
25
100(2)
ns
Frequency
10(2)
40
MHz
ADC clock
tc(ADCCLK), Cycle time
25
ns
Frequency
40
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 40 MHz.
8.13.1.2 2802x Clock Table and Nomenclature (50-MHz Devices)
MIN
NOM
MAX
UNIT
SYSCLKOUT
tc(SCO), Cycle time
20
500
ns
Frequency
2
50
MHz
LSPCLK(1)
tc(LCO), Cycle time
20
80(2)
ns
Frequency
12.5(2)
50
MHz
ADC clock
tc(ADCCLK), Cycle time
20
ns
Frequency
50
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 50 MHz.
8.13.1.3 2802x Clock Table and Nomenclature (60-MHz Devices)
MIN
NOM
MAX
UNIT
SYSCLKOUT
tc(SCO), Cycle time
16.67
500
ns
Frequency
2
60
MHz
LSPCLK(1)
tc(LCO), Cycle time
16.67
66.67(2)
ns
Frequency
15(2)
60
MHz
ADC clock
tc(ADCCLK), Cycle time
16.67
ns
Frequency
60
MHz
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 60 MHz.
www.ti.com
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com