Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28026 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320F28026
Description  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28026 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320F28026 Datasheet HTML 68Page - Texas Instruments TMS320F28026 Datasheet HTML 69Page - Texas Instruments TMS320F28026 Datasheet HTML 70Page - Texas Instruments TMS320F28026 Datasheet HTML 71Page - Texas Instruments TMS320F28026 Datasheet HTML 72Page - Texas Instruments TMS320F28026 Datasheet HTML 73Page - Texas Instruments TMS320F28026 Datasheet HTML 74Page - Texas Instruments TMS320F28026 Datasheet HTML 75Page - Texas Instruments TMS320F28026 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
PF0(CPU)
PF2(CPU)
SYSCLKOUT
ADCENCLK
AIO
MUX
ADC
Channels
ADC
Core
12-Bit
0-Wait
Result
Registers
ADCINT1
ADCINT9
ADCTRIG1
TINT0
PIE
CPUTIMER0
ADCTRIG2
TINT1
CPUTIMER1
ADCTRIG3
TINT2
CPUTIMER2
ADCTRIG4
XINT2SOC
XINT2
ADCTRIG5
SOCA 1
ePWM1
ADCTRIG6
SOCB1
ADCTRIG7
SOCA 2
ePWM2
ADCTRIG8
SOCB2
ADCTRIG9
SOCA 3
ePWM3
ADCTRIG10
SOCB3
ADCTRIG11
SOCA 4
ePWM4
ADCTRIG12
SOCB4
Figure 9-17. ADC Connections
ADC Connections if the ADC is Not Used
TI recommends keeping the connections for the analog power pins, even if the ADC is not used. Following is a
summary of how the ADC pins should be connected, if the ADC is not used in an application:
• VDDA – Connect to VDDIO
• VSSA – Connect to VSS
• VREFLO – Connect to VSS
• ADCINAn, ADCINBn, VREFHI – Connect to VSSA
When the ADC module is used in an application, unused ADC input pins should be connected to analog ground
(VSSA).
Note
Unused ADCIN pins that are multiplexed with AIO function should not be directly connected to analog
ground. They should be grounded through a 1-kΩ resistor. This is to prevent an errant code from
configuring these pins as AIO outputs and driving grounded pins to a logic-high state.
When the ADC is not used, be sure that the clock to the ADC module is not turned on to realize power savings.
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com