Electronic Components Datasheet Search
  English  ▼

X  

TMUX1308 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX1308
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1308 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1308 Datasheet HTML 22Page - Texas Instruments TMUX1308 Datasheet HTML 23Page - Texas Instruments TMUX1308 Datasheet HTML 24Page - Texas Instruments TMUX1308 Datasheet HTML 25Page - Texas Instruments TMUX1308 Datasheet HTML 26Page - Texas Instruments TMUX1308 Datasheet HTML 27Page - Texas Instruments TMUX1308 Datasheet HTML 28Page - Texas Instruments TMUX1308 Datasheet HTML 29Page - Texas Instruments TMUX1308 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
9.3.5.1 TMUX13xx is Powered, Channel is Unselected, and the Input Signal is Greater Than VDD (VDD = 5
V, VINPUT = 5.5 V)
A typical CMOS switch would have an internal ESD diode to the supply pin rated for
≅30 mA that would be
turned on and a series limited resistor would be needed. However, any conducted current would be injected into
the supply rail potentially damaging the system, unexpectedly turning on other devices on the same supply rail,
or requiring additional components for protection. The TMUX13xx implementation also handles this scenario with
a series limiting resistor; the current path, however, is now to GND which does not have the same issues as the
current injected into the supply rail.
9.3.5.2 TMUX13xx is Powered, Channel is Selected, and the Input Signal is Greater Than VDD (VDD = 5 V,
VINPUT = 5.5 V)
The injection current control circuitry is fully active when the channel is unselected and an overvoltage event is
present (overvoltage being defined as 0.5 V above the supply rail). However, in situations where the channel
is selected and an overvoltage event occurs, this protection circuitry will still be partially active. In this instance,
a portion of the injected current will be redirected through the protection circuitry to GND, but will not be a
full shunt. So, some current will also flow through the source to drain path. This allows the device to tolerate
overvoltage conditions in the event of the channel being selected, but precautions are still necessary to protect
the device from overcurrent events such as implementing a current limiting resistor to keep the device below the
maximum continuous source and drain current specification.
9.3.5.3 TMUX13xx is Unpowered and the Input Signal has a Voltage Present (VDD = 0 V, VINPUT = 3 V)
Many CMOS switches are unable to support a voltage at the input without a valid supply voltage present,
otherwise the voltage will be coupled from input to output and could damage downstream devices or impact
power-sequencing. The TMUX13xx circuitry can handle an input signal present without a supply voltage while
minimizing power transfer from the input to output of the switch. By limiting the output voltage coupling to 400
mV the TMUX1308 and TMUX1309 help reduce the chance of conduction through any downstream ESD diodes.
9.4 Device Functional Modes
When the EN pin of the TMUX1308 is pulled low, one of the switches is closed based on the state of the address
lines. Similarly, when the EN pin of the TMUX1309 is pulled low, two of the switches are closed based on the
state of the address lines. When the EN pin is pulled high, all the switches are in an open state regardless of the
state of the address lines.
Unused logic control pins must be tied to GND or VDD to ensure the device does not consume additional current
as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx and Dx) should be
connected to GND.
9.5 Truth Tables
Table 9-1 and Table 9-2 provides the truth tables for the TMUX1308 and TMUX1309 respectively.
Table 9-1. TMUX1308 Truth Table
EN A2
A1
A0
Selected Signal Path Connected To Drain
(D) Pin
0
0
0
0
S0
0
0
0
1
S1
0
0
1
0
S2
0
0
1
1
S3
0
1
0
0
S4
0
1
0
1
S5
0
1
1
0
S6
0
1
1
1
S7
1
X(1) X(1) X(1)
All channels are off
(1)
X denotes do not care.
TMUX1308, TMUX1309
SCDS426E – MARCH 2020 – REVISED OCTOBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com