Electronic Components Datasheet Search
  English  ▼

X  

TMUX1308 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX1308
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1308 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX1308 Datasheet HTML 2Page - Texas Instruments TMUX1308 Datasheet HTML 3Page - Texas Instruments TMUX1308 Datasheet HTML 4Page - Texas Instruments TMUX1308 Datasheet HTML 5Page - Texas Instruments TMUX1308 Datasheet HTML 6Page - Texas Instruments TMUX1308 Datasheet HTML 7Page - Texas Instruments TMUX1308 Datasheet HTML 8Page - Texas Instruments TMUX1308 Datasheet HTML 9Page - Texas Instruments TMUX1308 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Table 6-2. Pin Functions TMUX1309
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
S0B
1
I/O
Source pin 0 of mux B. Can be an input or output.
S2B
2
I/O
Source pin 2 of mux B. Can be an input or output.
DB
3
I/O
Drain pin (Common) of mux B. Can be an input or output.
S3B
4
I/O
Source pin 3 of mux B. Can be an input or output.
S1B
5
I/O
Source pin 1 of mux B. Can be an input or output.
EN
6
I
Active low logic input. When this pin is high, all switches are turned off. When this pin is low, the A[1:0]
address inputs determine which switch is turned on.
N.C.
7
Not Connected
Not internally connected.
GND
8
P
Ground (0 V) reference
A1
9
I
Address line 1. Controls the switch configuration as listed in Table 9-2.
A0
10
I
Address line 0. Controls the switch configuration as listed in Table 9-2.
S3A
11
I/O
Source pin 3 of mux A. Can be an input or output.
S0A
12
I/O
Source pin 0 of mux A. Can be an input or output.
DA
13
I/O
Drain pin (Common) of mux A. Can be an input or output.
S1A
14
I/O
Source pin 1 of mux A. Can be an input or output.
S2A
15
I/O
Source pin 2 of mux A. Can be an input or output.
VDD
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
Thermal pad
—
Exposed thermal pad with conductive die attached. No requirement to solder this pad. If connected,
then it should be left floating or tied to GND.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
For what to do with unused pins, refer to Section 9.4.
TMUX1308, TMUX1309
SCDS426E – MARCH 2020 – REVISED OCTOBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com