Electronic Components Datasheet Search
  English  ▼

X  

TMUX154E Datasheet(PDF) 5 Page - Texas Instruments

Part # TMUX154E
Description  TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX154E Datasheet(HTML) 5 Page - Texas Instruments

  TMUX154E Datasheet HTML 1Page - Texas Instruments TMUX154E Datasheet HTML 2Page - Texas Instruments TMUX154E Datasheet HTML 3Page - Texas Instruments TMUX154E Datasheet HTML 4Page - Texas Instruments TMUX154E Datasheet HTML 5Page - Texas Instruments TMUX154E Datasheet HTML 6Page - Texas Instruments TMUX154E Datasheet HTML 7Page - Texas Instruments TMUX154E Datasheet HTML 8Page - Texas Instruments TMUX154E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TMUX154E
www.ti.com
SCDS379 – FEBRUARY 2018
Product Folder Links: TMUX154E
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TMUX154E
UNIT
DGS (VSSOP)
RSW (UQFN)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
203.1
114.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
88.7
64.7
°C/W
RθJB
Junction-to-board thermal resistance
123.0
21.0
°C/W
ψJT
Junction-to-top characterization parameter
21.2
1.9
°C/W
ψJB
Junction-to-board characterization parameter
121.6
21.0
°C/W
(1)
VI, VO, II, and IO refer to data I/O pins A, B, An, and Bn.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each digital control input that is supplied with a voltage other than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
ISEL , IEN
Control inputs
VCC = 4.3 V, 0 V, VSEL,VEN = 0 to 4.3 V
±1
μA
IOZ
OFF-state leakage current(3)
VCC = 4.3 V, VO = 0 to 3.6 V, VI = 0,
Switch OFF
±1
μA
IOFF
Powered off leakage current
VCC = 0 V, VAn,Bn = 0 V, VA,B = 0 V to 4.3
V,
VSEL , VEN = VCC or GND
±2
μA
ICC
Supply current
VCC = 4.3 V, II/O = 0,
Switch ON or OFF
1
μA
ΔICC
(4)
Difference of supply current due to control
input voltage not VCC or GND
VCC = 4.3 V, VSELVEN = 2.6 V
10
μA
CSEL,
CEN
Control inputs digital input capacitance
VCC = 0 V,
VSELVEN = VCC or GND
1
pF
CI/O(OFF)
OFF-state input capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0,
Switch OFF
2
pF
CI/O(ON)
ON-state input capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0,
Switch ON
7.5
pF
RON
ON-state resistance(5)
VCC = 3 V, VI = 0.4, IO = –8 mA
6
10
Ω
ΔRON
ON-state resistance match between channels
VCC = 3 V, VI = 0.4, IO = –8 mA
0.35
Ω
ron(flat)
ON-state resistance flatness
VCC = 3 V, VI = 0 V or 1 V, IO = –8 mA
2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com