Electronic Components Datasheet Search
  English  ▼

X  

TMUX154E Datasheet(PDF) 9 Page - Texas Instruments

Part # TMUX154E
Description  TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX154E Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX154E Datasheet HTML 5Page - Texas Instruments TMUX154E Datasheet HTML 6Page - Texas Instruments TMUX154E Datasheet HTML 7Page - Texas Instruments TMUX154E Datasheet HTML 8Page - Texas Instruments TMUX154E Datasheet HTML 9Page - Texas Instruments TMUX154E Datasheet HTML 10Page - Texas Instruments TMUX154E Datasheet HTML 11Page - Texas Instruments TMUX154E Datasheet HTML 12Page - Texas Instruments TMUX154E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
400 mV
Copyright © 2018, Texas Instruments Incorporated
VCC
GND
A0
VSEL
A1
A
50
VA0
VA
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
VSEL = GND
SEL
GND
50
Channel ON: A0 to A
9
TMUX154E
www.ti.com
SCDS379 – FEBRUARY 2018
Product Folder Links: TMUX154E
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 7. Bandwidth (BW)
Figure 8. Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com