Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1574 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX1574 Datasheet HTML 2Page - Texas Instruments TMUX1574 Datasheet HTML 3Page - Texas Instruments TMUX1574 Datasheet HTML 4Page - Texas Instruments TMUX1574 Datasheet HTML 5Page - Texas Instruments TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments TMUX1574 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.5 Electrical Characteristics
VDD = 1.5 V to 5.5 V, GND = 0V, TA = –40°C to +125°C
Typical values are at VDD = 3.3 V, TA = 25°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD
Power supply voltage
1.5
5.5
V
IDD
Active supply current
VSEL = 0 V, 1.4V or VDD
VS = 0 V to 5.5 V
40
68
μA
IDD_STANDB
Y
Supply current when disabled
VEN = 1.4 V or VDD
VS = 0 V to 5.5 V
7.5
15
µA
DC CHARACTERISTICS
RON
On-resistance
VS = 0 V to VDD*2
VS(max) = 5.5 V
ISD = 8 mA
Refer to ON-State Resistance Figure
2
4.5
Ω
ΔRON
On-resistance match between channels
VS = VDD
ISD = 8 mA
Refer to ON-State Resistance Figure
0.07
0.28
Ω
RON (FLAT)
On-resistance flatness
VS = 0 V to VDD
ISD = 8 mA
Refer to ON-State Resistance Figure
1
1.8
Ω
IPOFF
Powered-off I/O pin leakage current
VDD = 0 V
VS = 0 V to 3 V
VD = 0 V
TA = 25℃
Refer to Ipoff Leakage Figure
–10
0.01
10
nA
IPOFF
Powered-off I/O pin leakage current
VDD = 0 V
VS = 0 V to 3.6 V
VD = 0 V
Refer to Ipoff Leakage Figure
–2
0.01
2
µA
IS(OFF)
ID(OFF)
OFF leakage current
Switch Off
VD = 0.8*VDD / 0.2*VDD
VS = 0.2*VDD / 0.8*VDD
Refer to Off Leakage Figure
–100
0.03
100
nA
ID(ON)
IS(ON)
ON leakage current
Switch On
VD = 0.8*VDD / 0.2*VDD, S pins floating
or
VS = 0.8*VDD / 0.2*VDD, D pins floating
Refer to On Leakage Figure
–50
0.01
50
nA
LOGIC INPUTS
VIH
Input logic high
1.2
5.5
V
VIL
Input logic low
0
0.45
V
IIH
Input high leakage current
VSEL = 1.8 V, VDD
1
±2
μA
IIL
Input low leakage current
VSEL = 0 V
0.2
±2
μA
RPD
Internal pull-down resistor on logic pins
6
MΩ
CI
Logic input capacitance
VSEL = 0 V, 1.8 V or VDD
f = 1 MHz
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com