Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX1574
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1574 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX1574 Datasheet HTML 6Page - Texas Instruments TMUX1574 Datasheet HTML 7Page - Texas Instruments TMUX1574 Datasheet HTML 8Page - Texas Instruments TMUX1574 Datasheet HTML 9Page - Texas Instruments TMUX1574 Datasheet HTML 10Page - Texas Instruments TMUX1574 Datasheet HTML 11Page - Texas Instruments TMUX1574 Datasheet HTML 12Page - Texas Instruments TMUX1574 Datasheet HTML 13Page - Texas Instruments TMUX1574 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D011
Temperature (qC)
-40
-30
-20
-10
0
10
20
30
40
50
60
-2
0
2
4
6
8
10
D012
Source Voltage (V)
0
1
2
3
4
5
5.5
-0.15
-0.1
-0.05
0
0.05
0.1
D009
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
D010
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-10
-5
0
5
10
15
20
25
30
D007
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.5
0
0.5
1
1.5
2
D008
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
10
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C
Figure 7. On-Leakage vs Source or Drain Voltage
Figure 8. On-Leakage vs Temperature
TA = 25°C
Figure 9. Off-Leakage vs Source or Drain Voltage
Figure 10. Off-Leakage vs Temperature
TA = 25°C
Figure 11. IPOFF Leakage vs Source or Drain Voltage
VSource = 3 V
Figure 12. IPOFF Leakage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com