Electronic Components Datasheet Search
  English  ▼

X  

TMUX8212 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX8212 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX8212 Datasheet HTML 1Page - Texas Instruments TMUX8212 Datasheet HTML 2Page - Texas Instruments TMUX8212 Datasheet HTML 3Page - Texas Instruments TMUX8212 Datasheet HTML 4Page - Texas Instruments TMUX8212 Datasheet HTML 5Page - Texas Instruments TMUX8212 Datasheet HTML 6Page - Texas Instruments TMUX8212 Datasheet HTML 7Page - Texas Instruments TMUX8212 Datasheet HTML 8Page - Texas Instruments TMUX8212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings: TMUX821x Devices...... 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions:
TMUX821x Devices.......................................................4
7.4 Source of Drain Continuous Current...........................5
7.5 Source of Drain Pulse Current.................................... 5
7.6 Thermal Information....................................................6
7.7 Electrical Characteristics (Global): TMUX821x
Devices..........................................................................6
7.8 Electrical Characteristics (±15-V Dual Supply)........... 7
7.9 Electrical Characteristics (±36-V Dual Supply)........... 8
7.10 Electrical Characteristics (±50-V Dual Supply)......... 9
7.11 Electrical Characteristics (72-V Single Supply).......10
7.12 Electrical Characteristics (100-V Single Supply).....11
7.13 Switching Characteristics: TMUX821x Devices...... 12
7.14 Typical Characteristics............................................ 13
8 Parameter Measurement Information.......................... 18
8.1 On-Resistance.......................................................... 18
8.2 Off-Leakage Current................................................. 18
8.3 On-Leakage Current................................................. 19
8.4 Device Turn-On and Turn-Off Time...........................19
8.5 Charge Injection........................................................20
8.6 Off Isolation...............................................................20
8.7 Crosstalk................................................................... 21
8.8 Bandwidth................................................................. 21
8.9 THD + Noise............................................................. 22
9 Detailed Description......................................................23
9.1 Overview................................................................... 23
9.2 Functional Block Diagram......................................... 23
9.3 Feature Description...................................................23
9.4 Device Functional Modes..........................................25
10 Application and Implementation................................ 26
10.1 Application Information........................................... 26
10.2 Typical Application.................................................. 26
11 Power Supply Recommendations..............................28
12 Layout...........................................................................29
12.1 Layout Guidelines................................................... 29
12.2 Layout Example...................................................... 29
13 Device and Documentation Support..........................30
13.1 Documentation Support.......................................... 30
13.2 Receiving Notification of Documentation Updates..30
13.3 Support Resources................................................. 30
13.4 Trademarks.............................................................30
13.5 Electrostatic Discharge Caution..............................30
13.6 Glossary..................................................................30
14 Mechanical, Packaging, and Orderable
Information.................................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (December 2021) to Revision B (March 2023)
Page
• Changed the status of the RUM package from: preview to: active ................................................................... 1
Changes from Revision * (October 2021) to Revision A (December 2021)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com