Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308FRRPR Datasheet(PDF) 40 Page - Texas Instruments

Part # TMUX7308FRRPR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7308FRRPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMUX7308FRRPR Datasheet HTML 36Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 37Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 38Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 39Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 40Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 41Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 42Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 43Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
10.2.1 Design Requirements
Table 10-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD) mux and ADC
+15 V
Negative supply (VSS) mux and ADC
-15 V
Power board supply voltage
24 V
Input / output signal range non-faulted
-15 V to 15 V
Overvoltage protection levels
-60 V to 60 V
Control logic thresholds
1.8 V compatible, up to 44 V
Temperature range
-40°C to +125°C
10.2.2 Detailed Design Procedure
The image shows the case where an incorrect wiring condition occurred and one of the input connectors has
been shorted to the power board supply voltage. If the board supply voltage is higher than the power supply of
the multiplexer, then the TMUX7308F or TMUX7309F will disconnect the source input from passing the signal to
protect the downstream ADC. The drain pin of the mux will be pulled up to the supply voltage VDD through a 40
kΩ resistor to allow the ADC to determine a fault condition has occurred.
10.2.3 Application Curves
The example application utilizes the fault protection of the TMUX7308F or TMUX7309F to protect downstream
components from potential miswiring conditions from the Power Module board. Figure 10-2 shows an example
of positive overvoltage fault response with a fast fault ramp rate of 50 V/µs. Figure 10-3 shows the extremely
flat on-resistance across source voltage while operating within a common signal range of ±10 V. These features
make the TMUX7308F or TMUX7309F an ideal solution for factory automation applications that may face
various fault conditions but also require excellent linearity and low distortion.
Time(
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-5
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
50V/
s fault ramp
SOURCE
DRAIN
VDD
.
Figure 10-2. Positive Overvoltage Response
VS or VD - Source or Drain Voltage (V)
-10
-6
-2
2
6
10
160
170
180
190
200
210
220
230
240
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
.
Figure 10-3. RON Flatness in Non-Fault Region
10.3 Power Supply Recommendations
The TMUX7308F and TMUX7309F operate across a wide supply range of ±5 V to ±22 V (8 V to 44 V in
single-supply mode). They also perform well with asymmetrical supplies such as VDD = 15 V and VSS= –5 V. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 1 µF to 10 µF at both the VDD
and VSS pins to ground. Always ensure the ground (GND) connection is established before supplies are ramped.
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com