Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308FRRPR Datasheet(PDF) 41 Page - Texas Instruments

Part # TMUX7308FRRPR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7308FRRPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMUX7308FRRPR Datasheet HTML 37Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 38Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 39Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 40Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 41Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 42Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 43Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 44Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
10.4 Layout
10.4.1 Layout Guidelines
The image below illustrates an example of a PCB layout with the TMUX7308F and TMUX7309F. Some key
considerations are:
• For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and VSS to
GND. We recommend a 0.1 µF and 1 µF capacitor, placing the lowest value capacitor as close to the pin as
possible. Make sure that the capacitor voltage rating is sufficient for the supply voltage.
• Keep the input lines as short as possible.
• Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
10.4.2 Layout Example
A0
EN
VSS
S1
S2
S3
A1
A2
GND
VDD
S5
S6
S4
Via to
ground plane
TMUX7308F
C
S8
D
S7
Wide (low inductance)
trace for power
Via to
ground plane
Via to
ground plane
C
Wide (low inductance)
trace for power
Figure 10-4. TMUX7308FPW Layout Example
S1B
A0
EN
VSS
S1A
S2A
S3A
A1
GND
VDD
S2B
S3B
S4A
Via to
ground plane
TMUX7309F
C
DB
DA
S4B
Wide (low inductance)
trace for power
Via to
ground plane
Via to
ground plane
C
Wide (low inductance)
trace for power
Figure 10-5. TMUX7309FPW Layout Example
www.ti.com
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com