Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2YZHT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA2016D2YZHT
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2YZHT Datasheet(HTML) 2 Page - Texas Instruments

  TPA2016D2YZHT Datasheet HTML 1Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 2Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
I2C Timing Requirements.......................................... 6
7.7
Dissipation Ratings ................................................... 6
7.8
Operating Characteristics.......................................... 7
7.9
Typical Characteristics .............................................. 8
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
9.2
Functional Block Diagram ....................................... 12
9.3
Feature Description................................................. 12
9.4
Device Functional Modes........................................ 21
9.5
Programming........................................................... 21
9.6
Register Maps ......................................................... 24
10
Application and Implementation........................ 29
10.1
Application Information.......................................... 29
10.2
Typical Applications .............................................. 29
11
Power Supply Recommendations ..................... 32
11.1
Power Supply Decoupling Capacitors................... 32
12
Layout................................................................... 32
12.1
Layout Guidelines ................................................. 32
12.2
Layout Examples................................................... 34
12.3
Efficiency and Thermal Considerations ................ 36
13
Device and Documentation Support ................. 37
13.1
Device Support...................................................... 37
13.2
Community Resources.......................................... 37
13.3
Trademarks ........................................................... 37
13.4
Electrostatic Discharge Caution ............................ 37
13.5
Glossary ................................................................ 37
14
Mechanical, Packaging, and Orderable
Information ........................................................... 37
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2009) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision C (October 2008) to Revision D
Page
•
Added Feature: 2.8 W/Ch Into 4
Ω at 5 V (10% THD+N) ...................................................................................................... 1
•
Added Feature: 1.5 W/Ch Into 4
Ω at 3.6 V (10% THD+N) ................................................................................................... 1
•
Added the RTJ (QFN) pin out package .................................................................................................................................. 4
•
Changed the RTJ Package Options to the Available Options Table...................................................................................... 4
•
Changed ISWS Softwre shutdown 3.6V From: Max 60 to: 70 µA ............................................................................................ 6
•
Changed ISWS Softwre shutdown 5.5V From: Max 100 to 110 µA ......................................................................................... 6
•
Changed Output offset TYP From 0 mV To: 2 mV................................................................................................................. 6
•
Added the RTJ (QFN) package to the Dissipation Ratings Table.......................................................................................... 6
•
Deleted Table of Graphs from the Typical Characteristics..................................................................................................... 8
•
Added 4
Ω Efficiency Graph .................................................................................................................................................... 9
•
Added 4
Ω Total Power Dissipation Graph ............................................................................................................................. 9
•
Added 4
Ω Total Supply Current Graph .................................................................................................................................. 9
•
Added QFN Output Power Graph......................................................................................................................................... 10
•
Added text notes 4 and 5 to the Test Setup for Graphs....................................................................................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com