Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2YZHT Datasheet(PDF) 27 Page - Texas Instruments

Part # TPA2016D2YZHT
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2YZHT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPA2016D2YZHT Datasheet HTML 23Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 24Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 25Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 26Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 27Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 28Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 29Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 30Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table 9. AGC Fixed Gain Control (Address: 5)
REGISTER
ADDRESS
I2C BIT
LABEL
DEFAULT
DESCRIPTION
05 (05H) –
AGC Fixed
Gain Control
7:6
Unused
00
5:0
Fixed Gain
00110 (6dB)
Sets the fixed gain of the amplifier: two's compliment
Gain
100100
–28 dB
100101
–27 dB
100110
–26 dB
(gain increases by 1 dB with every step)
111101
–3 dB
111110
–2 dB
111111
–1 dB
000000
0 dB
000001
1 dB
000010
2 dB
000011
3 dB
(gain increases by 1dB with every step)
011100
28 dB
011101
29 dB
011110
30 dB
Fixed Gain
These bits are used to select the fixed gain of the amplifier. If the Compression is enabled,
fixed gain is adjustable from –28 dB to 30 dB. If the Compression is disabled, fixed gain is
adjustable from 0 dB to 30 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com