Electronic Components Datasheet Search
  English  ▼

X  

ST73007UA Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ST73007UA
Description  7-Port Compact USB 3.0 Hub with Built-in Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST73007UA Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ST73007UA Datasheet HTML 1Page - StarTech.com Ltd. ST73007UA Datasheet HTML 2Page - StarTech.com Ltd. ST73007UA Datasheet HTML 3Page - StarTech.com Ltd. ST73007UA Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7-Port Compact USB 3.0 Hub with Built-in Cable
Product ID: ST73007UA
This compact, 7-port USB 3.0 hub is tailored to match the stylish design of your MacBook. It features a sleek, silver
sandblasted housing that looks great next to your Apple laptop. And, because the hub is designed with a
solid-aluminum casing, it provides the lightweight durability that’s ideal for either travel or desktop usage.
This high-quality, Apple style USB hub gives you an easy way to expand your MacBook connectivity. It provides
seven USB 3.0 (also known as USB 3.1 Gen 1) hub ports in a compact housing. With more ports, you have more
scalability to connect extra USB devices. Plus, you can leave your devices plugged in, so they’re ready to use when
you need them.
The 7-port USB 3.0 hub offers a silver sandblast finish that provides a unique and stylish appearance, making the
hub look as trendy and contemporary as your MacBook, Ultrabook, or laptop.
The hub features a built-in, 98 cm (38 in) cable that is longer than what most traditional hubs offer. The
extended-length cable gives you the flexibility to place the hub and your devices exactly where you want them, and it
ensures the hub can connect to your laptop or tablet regardless of where the laptop’s USB 3.0 port is located.
This compact hub features seven ports with plenty of space between each port, unlike some USB 3.0 hubs that jam
multiple ports into a tightly-packed space which makes it difficult to connect multiple devices to adjacent hub ports.
With extra port spacing, you can connect devices and cables that have larger connectors, without sacrificing the
hub’s small footprint design.
The rugged aluminum housing offers dependable protection, so the hub is perfect for travel, such as back-and-forth
trips from home to office. Plus, the compact hub takes up minimal space on a desk, so you can use it in hot-desk or
BYOD (Bring Your Own Device) environments.
The easy-to-use hub is plug-and-play and hot-swap compatible, so you can install it quickly, with no additional drivers
or software required. It includes a power adapter as well, so you can rest assured that you can connect virtually any
USB 3.0 peripheral, even devices with high power requirements. Plus, you can also avoid the nuisance and cost of
purchasing new devices by using the USB 3.0 hub with your current USB 2.0 and 1.x devices.
The ST73007UA is backed by a StarTech.com 2-year warranty and free lifetime technical support.


Similar Part No. - ST73007UA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730 STMICROELECTRONICS-ST730 Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
logo
International Rectifier
ST730 IRF-ST730 Datasheet
205Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST730AB STMICROELECTRONICS-ST730AB Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST730ABD STMICROELECTRONICS-ST730ABD Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
More results

Similar Description - ST73007UA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL652 ETC-GL652 Datasheet
190Kb / 17P
USB 7 PORT HUB CONTROLLER
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
logo
Tripp Lite. All Rights ...
U360007 TRIPPLITE-U360007 Datasheet
493Kb / 2P
7-Port USB 3.0 SuperSpeed Hub with Dedicated 2A
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
logo
Texas Instruments
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
logo
Coolgear Inc.
CG-7U3DS COOLGEAR-CG-7U3DS Datasheet
119Kb / 3P
7-Port USB 3.0 Metal Hub with Surge Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com