Electronic Components Datasheet Search
  English  ▼

X  

ST73007UA Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ST73007UA
Description  7-Port Compact USB 3.0 Hub with Built-in Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST73007UA Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ST73007UA Datasheet HTML 1Page - StarTech.com Ltd. ST73007UA Datasheet HTML 2Page - StarTech.com Ltd. ST73007UA Datasheet HTML 3Page - StarTech.com Ltd. ST73007UA Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Certifications, Reports and Compatibility
Applications
• Flexible hub placement options with an extended-length cable, so you can connect a wide variety of peripherals at
home or in the office
• Carry the hub with you while traveling, and connect virtually any USB peripheral wherever you go
• Deploy in hot-desk environments to provide USB hub access for multiple devices
Features
• Sleek and stylish, with a silver, sandblasted finish that matches your MacBook
• Rear port orientation for better USB device management and less clutter
• Place the hub exactly where you need it, with a compact and lightweight casing, and an integrated, extended-length
cable
• Rugged, aluminum housing delivers reliable performance
• SuperSpeed USB throughput support up to 5Gbps
• Connect and operate USB 3.0 devices that require additional power, using the included 20W power adapter
• Backward compatibility lets you save money by using the hub with existing USB 2.0 and 1.x devices
• Plug-and-play and hot-swap compatible
• Provides overcurrent protection
Hardware
Warranty
2 Years
USB-C Device Port(s)
No
USB-C Host Connection
No
Fast-Charge Port(s)
No
Ports
7
Interface
USB 3.0
Bus Type
USB 3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com