Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV99
Description  200 mA 70 V High Conductance Ultra-Fast Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99 Datasheet(HTML) 2 Page - ON Semiconductor

  BAV99 Datasheet HTML 1Page - ON Semiconductor BAV99 Datasheet HTML 2Page - ON Semiconductor BAV99 Datasheet HTML 3Page - ON Semiconductor BAV99 Datasheet HTML 4Page - ON Semiconductor BAV99 Datasheet HTML 5Page - ON Semiconductor BAV99 Datasheet HTML 6Page - ON Semiconductor BAV99 Datasheet HTML 7Page - ON Semiconductor BAV99 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAV99 Rev. 1.1.0
1
April 2014
BAV99
200 mA 70 V High Conductance Ultra-Fast Switching
Diode
Features
• High Conductance: IF = 200 mA
• Fast Switching Speed: trr < 6 ns Maximum
• Small Plastic SOT-23 Package
• Series-Pair Configuration
Applications
• High-Speed Switching Applications
Ordering Information
Part Number
Marking
Package
Packing Method
BAV99
A7
SOT-23 3L
Tape and Reel, Reel 7 inch
BAV99_D87Z
A7
SOT-23 3L
Tape and Reel, Reel 13 inch
SOT-23
3
1
2
Connection Diagram
3
1
12
3
A7
2
Description
The BAV99 is a 350 mW high-speed switching diode
array with series-pair diode configuration. It achieves
high-current conductivity, up to 200 mA, in a very small
7mm2 footprint. These features make the BAV99 optimal
for area-constrained applications that need a little extra
power capability.
For common cathode and common anode high-speed
switching diodes, explore Fairchild's BAV70 and BAW56.
Looking for more options in the SOT-23 package? Check
Fairchild's MMBD family.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com