Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAV99
Description  200 mA 70 V High Conductance Ultra-Fast Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99 Datasheet(HTML) 3 Page - ON Semiconductor

  BAV99 Datasheet HTML 1Page - ON Semiconductor BAV99 Datasheet HTML 2Page - ON Semiconductor BAV99 Datasheet HTML 3Page - ON Semiconductor BAV99 Datasheet HTML 4Page - ON Semiconductor BAV99 Datasheet HTML 5Page - ON Semiconductor BAV99 Datasheet HTML 6Page - ON Semiconductor BAV99 Datasheet HTML 7Page - ON Semiconductor BAV99 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAV99 Rev. 1.1.0
2
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. These ratings are based on a maximum junction temperature of 150
°C.
These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed
or low-duty cycle operations.
Thermal Characteristics(2)
Values are at TA = 25°C unless otherwise noted.
Note:
2. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
70
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-Repetitive Peak
Forward Surge Current
Pulse Width = 1.0 Second
1.0
A
Pulse Width = 300 Microseconds
8.0
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
VR
Breakdown Voltage, per Diode
IR = 100 μA70
V
VF
Forward Voltage, per Diode
IF = 1 mA
715
mV
IF = 10 mA
855
IF = 50 mA
1.00
V
IF = 150 mA
1.25
IR
Reverse Leakage, per Diode
VR = 70 V
2.5
μA
VR = 25 V, TA = 150°C30.0
VR = 70 V, TA = 150°C50.0
CT
Total Capacitance, per Diode
VR = 0 V, f = 1.0 MHz
1.5
pF
trr
Reverse-Recovery Time,
per Diode
IF = IR = 10 mA,
IRR = 1 mA,
RL = 100 Ω
6.0
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com