Electronic Components Datasheet Search
  English  ▼

X  

IP5356 Datasheet(PDF) 33 Page - Injoinic Technology Co.,Ltd.

Part # IP5356
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5356 Datasheet(HTML) 33 Page - Injoinic Technology Co.,Ltd.

Back Button IP5356 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
IP5389
V1.23
www.injoinic.com
33 / 41
Copyright © 2023, Injoinic Corp.
NTC_MODE
External
Resistance(ohm)
NTC_MODE
Theoretical
Voltage(mV)
NTC_MODE
Voltage Judgment
Range(mV)
NTC Function
27k
2160
1750~2550
NTC first gear
18k
1440
1220~1750
NTC second gear
13k
1040
860~1220
NTC third gear
9.1k
728
600~860
NTC fourth gear
6.2k
496
380~600
NTC fifth gear
3.6k
288
216~380
NTC sixth gear
Table 21
NTC functions
IP5389 has six built-in NTC functions. By changing the resistance between NTC_MODE pin and GND,
the corresponding NTC function can be set. The functions are as follows:
NTC first gear:
In the charging state, the charging is normal between 0 and 45 degrees Celsius, but when the
temperature is lower than 0 degrees Celsius (greater than 0.55V) or the temperature exceeds 45 degrees
Celsius (less than 0.39V), the charging stops.
In the discharge state, the discharge is normal between -20 and 60 degrees Celsius, but when the
temperature is lower than -20 degrees Celsius (greater than 1.39V) or higher than 60 degrees Celsius
(less than 0.24V), the discharge stops.
NTC second gear:
In the charging state, the charging is normal between 2 and 43 degrees Celsius, but when the
temperature is lower than 2 degrees Celsius (greater than 0.50V) or the temperature exceeds 43 degrees
Celsius (less than 0.42V), the charging stops.
In the discharge state, the discharge is normal between -10 and 55 degrees Celsius, but when the
temperature is lower than -10 degrees Celsius (greater than 0.86V) or higher than 55 degrees Celsius
(less than 0.28V), the discharge stops.
NTC third gear:
In the charging state, the charging is normal between 0 and 45 degrees Celsius, but when the
temperature is lower than 0 degrees Celsius (greater than 0.55V) or the temperature exceeds 45 degrees
Celsius (less than 0.39V), the charging stops.
In the discharge state, the discharge is normal between -10 and 55 degrees Celsius, but when the
temperature is lower than -10 degrees Celsius (greater than 0.86V) or higher than 55 degrees Celsius
(less than 0.28V), the discharge stops.
NTC fourth gear:
In the charging state, the charging is normal between 0 and 45 degrees Celsius, but when the
temperature is lower than 0 degrees Celsius (greater than 0.55V) or the temperature exceeds 45 degrees
Celsius (less than 0.39V), the charging stops.
In the discharge state, the discharge is normal between -10 and 55 degrees Celsius, but when the
temperature is lower than -10 degrees Celsius (greater than 0.86V) or higher than 55 degrees Celsius
(less than 0.28V), the discharge stops.
NTC fifth gear:
In the charging state, the charging is normal between 17 and 43 degrees Celsius, but when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com