Electronic Components Datasheet Search
  English  ▼

X  

IP5356 Datasheet(PDF) 20 Page - Injoinic Technology Co.,Ltd.

Part # IP5356
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5356 Datasheet(HTML) 20 Page - Injoinic Technology Co.,Ltd.

Back Button IP5356 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5356 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
IP5389
V1.23
www.injoinic.com
20 / 41
Copyright © 2023, Injoinic Corp.
Figure 4
Boost efficiency curve under the condition of VBAT=8V
VBAT=15V,VOUT=5/9/12/15V,the boost efficiency curve is as follows:
Figure 5
Boost efficiency curve under the condition of VBAT=15V
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
VOUT=5V
VOUT=9V
VOUT=12V
VOUT=15V
VBAT=8V
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
VOUT=5V
VOUT=9V
VOUT=12V
VOUT=15V
VBAT=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com