Electronic Components Datasheet Search
  English  ▼

X  

LM339 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM339
Description  consists of four independent voltage comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM339 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
2
BEIJING ESTEK ELECTRONICS CO.,LTD
Parameter
Value
VCC
Single Supply
Split Supplies
36
±18
V
V
36
V
V
-0.3 to VCC
V
tS
Short-Circuit duration of Output
100
ms
50
mA
T
Plastic Package
150
°C
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1mm from Case for 10 Seconds
260
°C
PD
A=+25 °C
Plastic Package
°C
1.0
8.0
W
m
°C
*
restricted to the Recommended Operating Conditions.
1.
2. VIN
Supply Voltages
Power
IN
VCC=5V, ÒA=25
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5V through 100-mV input step with 5 -mV overdrive
1.3
µs
5.1k
Ω,
CL=15pF* (See Note )
TTL-level input step
0.3
* C Lincludes probe and jig capacitance.
NOTE : The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.
Switching Characteristics
may occur.
device
Maximum Ratings are those values
which damage to the
V
Split
Supplies.
Power
<-0.3V.
Notes:
CR
I
DR
I
Power
Dissipation T
Derate
25
Above
beyond
°C
Functional operation shouldbe
Symol
Input
Differential Voltage Range
Common Mode Voltage Range (1)
Input
Current, per pin (2)
Temperature
Input
Junction
LM339
UNIT
W/



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com